Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SL3C4CLGH Datasheet(PDF) 2 Page - Dialight Corporation

Part # SL3C4CLGH
Description  StreetSense Series LED Street Light
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

SL3C4CLGH Datasheet(HTML) 2 Page - Dialight Corporation

  SL3C4CLGH Datasheet HTML 1Page - Dialight Corporation SL3C4CLGH Datasheet HTML 2Page - Dialight Corporation SL3C4CLGH Datasheet HTML 3Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Type III (61 Watt Cool White) - Light Measurement Data
LM-79 Certified
Iso-Illuminance Chart (fc)
Intensity Distribution Curve (cd)
Example shown: 25 ft Mounting Height
Spacing of each box is equal to mounting height in feet.
Ex: 40ft mounting height = each box is 40ft, 30ft mounting height = each box is 30ft
Iso-Illuminance Chart (fc)
Intensity Distribution Curve (cd)
Example shown: 35 ft Mounting Height
Type III (121 Watt Cool White) - Light Measurement Data
LM-79 Certified
www.dialight.com
Iso-Illuminance Chart (fc)
Intensity Distribution Curve (cd)
Example shown: 35 ft Mounting Height
Type III (182 Watt Cool White) - Light Measurement Data
LM-79 Certified
- Location of streetlight
Mounting
Height
Multiplier
10
6.250
15
2.778
20
1.563
25
1.000
30
0.694
35
0.510
40
0.319
45
0.309
50
0.250
Mounting
Height
Multiplier
10
12.250
15
5.444
20
3.063
25
1.960
30
1.361
35
1.000
40
0.766
45
0.605
50
0.490
Mounting
Height
Multiplier
10
12.250
15
5.444
20
3.063
25
1.960
30
1.361
35
1.000
40
0.766
45
0.605
50
0.490
0.01
0.02
0.05
0.1
0.2
0.5
1.
ETL Intertek certified test performed to IES LM-79-08 standards
ETL Intertek certified test performed to IES LM-79-08 standards
ETL Intertek certified test performed to IES LM-79-08 standards
0.01
0.02
0.05
0.1
0.2
0.5
1.
0.01
0.02
0.05
0.1
0.2
0.5
2.
Spacing of each box is equal to mounting height in feet.
Ex: 40ft mounting height = each box is 40ft, 30ft mounting height = each box is 30ft
- Location of streetlight
Spacing of each box is equal to mounting height in feet.
Ex: 40ft mounting height = each box is 40ft, 30ft mounting height = each box is 30ft
- Location of streetlight



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com