Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP6503 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AP6503
Description  340kHz 23V 3A SYNCHRONOUS DC/DC BUCK CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP6503 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AP6503 Datasheet HTML 3Page - Diodes Incorporated AP6503 Datasheet HTML 4Page - Diodes Incorporated AP6503 Datasheet HTML 5Page - Diodes Incorporated AP6503 Datasheet HTML 6Page - Diodes Incorporated AP6503 Datasheet HTML 7Page - Diodes Incorporated AP6503 Datasheet HTML 8Page - Diodes Incorporated AP6503 Datasheet HTML 9Page - Diodes Incorporated AP6503 Datasheet HTML 10Page - Diodes Incorporated AP6503 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
AP6503
340kHz 23V 3A SYNCHRONOUS DC/DC BUCK CONVERTER
AP6503
Document number: DS35077 Rev. 1 - 2
7 of 13
www.diodes.com
September 2011
© Diodes Incorporated
Applications Information
Theory of Operation
The AP6503 is a 3A current mode control, synchronous
buck regulator with built in power MOSFETs. Current
mode control assures excellent line and load regulation
and a wide loop bandwidth for fast response to load
transients.
Figure 3 depicts the functional block diagram of AP6503.
The operation of one switching cycle can be explained as
follows. At the beginning of each cycle, HS (high-side)
MOSFET is off. The EA output voltage is higher than the
current
sense
amplifier
output,
and
the
current
comparator’s output is low. The rising edge of the 340kHz
oscillator clock signal sets the RS Flip-Flop. Its output
turns on HS MOSFET. The current sense amplifier is reset
for every switching cycle.
When the HS MOSFET is on, inductor current starts to
increase. The Current Sense Amplifier senses and
amplifies the inductor current. Since the current mode
control is subject to sub-harmonic oscillations that peak at
half the switching frequency, Ramp slope compensation is
utilized. This will help to stabilize the power supply. This
Ramp compensation is summed to the Current Sense
Amplifier output and compared to the Error Amplifier
output by the PWM Comparator. When the sum of the
Current
Sense
Amplifier
output
and
the
Slope
Compensation signal exceeds the EA output voltage, the
RS Flip-Flop is reset and HS MOSFET is turned off.
For one whole cycle, if the sum of the Current Sense
Amplifier output and the Slope Compensation signal does
not exceed the EA output, then the falling edge of the
oscillator clock resets the Flip-Flop. The output of the Error
Amplifier increases when feedback voltage (VFB) is lower
than the reference voltage of 0.925V. This also increases
the inductor current as it is proportional to the EA voltage.
If in one cycle the current in the power MOSFET does not
reach the COMP set current value, the power MOSFET
will be forced to turn off. When the HS MOSFET turns off,
the synchronous LS MOSFET turns on until the next clock
cycle begins. There is a “dead time” between the HS turn
off and LS turn on that prevents the switches from
“shooting through” from the input supply to ground.
The voltage loop is compensated through an internal
transconductance amplifier and can be adjusted through
the external compensation components.
Enable
The enable (EN) input allows the user to control turning on
or off the regulator. To enable the regulator EN must be
pulled above the ‘EN Rising Threshold’ and to disable the
regulator EN must be pulled below ‘EN falling Threshold’
(EN rising threshold – En threshold Hysteresis).
External Soft Start
Soft start is traditionally implemented to prevent the
excess inrush current. This in turn prevents the converter
output
voltage
from
overshooting
when
it
reaches
regulation. The AP6503 has an internal current source
with a soft start capacitor to ramp the reference voltage
from 0V to 0.925V. The soft start current is 6uA. The soft
start sequence is reset when there is a Thermal
Shutdown, Under Voltage Lockout (UVLO) or when the
part is disabled using the EN pin.
External Soft Start can be calculated from the formula
below:
DT
DV
*
C
SS
I
=
Where;
Iss = Soft Start Current
C = External Capacitor
DV=change in feedback voltage from 0V to maximum
voltage
DT = Soft Start Time
Current Limit Protection
In order to reduce the total power dissipation and to
protect the application, AP6503 has cycle-by-cycle current
limiting implementation. The voltage drop across the
internal high-side MOSFET is sensed and compared with
the internally set current limit threshold. This voltage drop
is sensed at about 30ns after the HS turns on. When the
peak inductor current exceeds the set current limit
threshold, current limit protection is activated. During this
time the feedback voltage (VFB) drops down. When the
voltage at the FB pin reaches 0.3V, the internal oscillator
shifts the frequency from the normal operating frequency
of 340Khz to a fold-back frequency of 102Khz. The current
limit is reduced to 70% of nominal current limit when the
part is operating at 102Khz. This low Fold-back frequency
prevents runaway current.
Under Voltage Lockout (UVLO)
Under Voltage Lockout is implemented to prevent the IC
from insufficient input voltages. The AP6503 has a UVLO
comparator that monitors the input voltage and the internal
bandgap reference. If the input voltage falls below 4.0V,
the AP6503 will latch an under voltage fault. In this event
the output will be pulled low and power has to be re-cycled
to reset the UVLO fault.
Over Voltage Protection
When the AP6503 FB pin exceeds 20% of the nominal
regulation voltage of 0.925V, the over voltage comparator
is tripped and the COMP pin and the SS pin are
discharged to GND, forcing the high-side switch off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com