Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP6508FE-13 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP6508FE-13
Description  500kHz 21V 3A SYNCHRONOUS DC/DC BUCK CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP6508FE-13 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP6508FE-13 Datasheet HTML 1Page - Diodes Incorporated AP6508FE-13 Datasheet HTML 2Page - Diodes Incorporated AP6508FE-13 Datasheet HTML 3Page - Diodes Incorporated AP6508FE-13 Datasheet HTML 4Page - Diodes Incorporated AP6508FE-13 Datasheet HTML 5Page - Diodes Incorporated AP6508FE-13 Datasheet HTML 6Page - Diodes Incorporated AP6508FE-13 Datasheet HTML 7Page - Diodes Incorporated AP6508FE-13 Datasheet HTML 8Page - Diodes Incorporated AP6508FE-13 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
AP6508
500kHz 21V 3A SYNCHRONOUS DC/DC BUCK CONVERTER
AP6508
Document number: DS33437 Rev. 4 - 2
3 of 14
www.diodes.com
July 2011
© Diodes Incorporated
Absolute Maximum Ratings (Note 2)
Symbol
Parameter
Rating
Unit
VIN
Supply Voltage
22
V
VSW
Switch Node Voltage
-0.3 to 23
V
VBS
Bootstrap Voltage
VSW + 6
V
VFB
Feedback Voltage
–0.3V to +6
V
VEN
Enable/UVLO Voltage
–0.3V to +6
V
VCOMP
Comp Voltage
–0.3V to +6
V
TST
Storage Temperature
-65 to +150
°C
TJ
Junction Temperature
+150
°C
TL
Lead Temperature
+260
°C
ESD Susceptibility (Note 3)
HBM
Human Body Model
4
kV
MM
Machine Model
400
V
CDM
Charged Device Model
1
kV
Thermal Resistance (Note 4)
Symbol
Parameter
Rating
Unit
θJA
Junction to Ambient
48
°C/W
θJC
Junction to Case
11
°C/W
Recommended Operating Conditions (Note 5)
Symbol
Parameter
Min
Max
Unit
VIN
Supply Voltage
4.5
21
V
TA
Operating Ambient Temperature Range
-20
+85
°C
Notes:
2. Exceeding these ratings may damage the device.
3. Semiconductor devices are ESD sensitive and may be damaged by exposure to ESD events. Suitable ESD precautions should be taken when
handling and transporting these device.
4. Test condition for DFN4030-14: Measured on approximately 1” square of 1 oz copper.
5. The device function is not guaranteed outside of the recommended operating conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com