Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2SAR522EB Datasheet(PDF) 2 Page - Rohm

Part # 2SAR522EB
Description  General purpose transistor(-20V,-0.2A)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SAR522EB Datasheet(HTML) 2 Page - Rohm

  2SAR522EB Datasheet HTML 1Page - Rohm 2SAR522EB Datasheet HTML 2Page - Rohm 2SAR522EB Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2/2
www.rohm.com
○
c
2009 ROHM Co., Ltd. All rights reserved.
2010.09 - Rev.A
Data Sheet
2SAR522M / 2SAR522EB / 2SAR522UB
Electrical characteristics curves
-0.01
-0.1
-1
-10
-100
-1000
0
-0.2
-0.4
-0.6
-0.8
-1
VCE =2V
Ta=125
°C
25
°C
-55
°C
-0.01
-0.1
-1
-1
-10
-100
-1000
IC/IB= 10/1
-0.01
-0.1
-1
-1
-10
-100
-1000
COLLECTOR CURRENT : IC (mA)
IC/IB = 20/1
IC/IB =10/1
0
-20
-40
-60
-80
-100
0
-1-2
-3-4
-5
Ta=25
°C
IB=0.7mA
IB=0.6mA
IB=0.5mA
IB=0.4mA
IB=0.3mA
IB=0.2mA
IB=0.1mA
IB=0mA
IB=1.0mA
IB=0.9mA IB=0.8mA
10
1000
-0.1
-1
-10
-100
-1000
COLLECTOR CURRENT : IC (mA)
VCE=2V
0.1
1
10
100
-0.01
-0.1
-1
-10
-100
COLLECTOR TO BASE VOLTAGE : VCB (V)
EMITTER TO BASE VOLTAGE : VEB(V)
Ta=25
°C
f=1MHz
IE=0
IC=0
Cob
Cib
10
100
1000
-0.1
-1
-10
-100
-1000
EMITTER CURRENT : IE (mA)
VCE = 10V
Ta=25
°C
BASE TO EMITTER VOLTAGE : VBE (V)
COLLECTOR TO EMITTER VOLTAGE :
VCE (V)
COLLECTOR CURRENT : IC (mA)
Ta=125
°C
25
°C
-55
°C
Ta=125
°C
25
°C
-55
°C
Ta=25
°C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com