Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL28136FBZ Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL28136FBZ
Description  5MHz, Single Precision Rail-to-Rail Input-Output (RRIO) Op Amp
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28136FBZ Datasheet(HTML) 4 Page - Intersil Corporation

  ISL28136FBZ Datasheet HTML 1Page - Intersil Corporation ISL28136FBZ Datasheet HTML 2Page - Intersil Corporation ISL28136FBZ Datasheet HTML 3Page - Intersil Corporation ISL28136FBZ Datasheet HTML 4Page - Intersil Corporation ISL28136FBZ Datasheet HTML 5Page - Intersil Corporation ISL28136FBZ Datasheet HTML 6Page - Intersil Corporation ISL28136FBZ Datasheet HTML 7Page - Intersil Corporation ISL28136FBZ Datasheet HTML 8Page - Intersil Corporation ISL28136FBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
FN6153.5
April 5, 2011
Typical Performance Curves V+ = 5V, V- = 0V, VCM = 2.5V, RL = Open
FIGURE 1. GAIN vs FREQUENCY vs FEEDBACK RESISTOR
VALUES Rf/Rg
FIGURE 2. GAIN vs FREQUENCY vs VOUT, RL = 1k
FIGURE 3. GAIN vs FREQUENCY vs VOUT, RL = 10k
FIGURE 4. GAIN vs FREQUENCY vs VOUT, RL = 100k
FIGURE 5. GAIN vs FREQUENCY vs RL
FIGURE 6. FREQUENCY RESPONSE vs CLOSED LOOP GAIN
-15
-10
-5
0
5
10
15
100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
Rf = Rg = 100k
Rf = Rg = 1k
Rf = Rg = 10k
V+ = 5V
RL = 1k
AV = +2
VOUT = 10mVP-P
CL = 16.3pF
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
10k
100k
1M
10M
100M
FREQUENCY (Hz)
VOUT = 100mV
VOUT = 10mV
VOUT = 50mV
VOUT = 1V
V+ = 5V
RL = 1k
AV = +1
VOUT = 10mVP-P
CL = 16.3pF
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
10k
100k
1M
10M
100M
FREQUENCY (Hz)
V+ = 5V
RL = 10k
AV = +1
VOUT = 10mVP-P
CL = 16.3pF
VOUT = 100mV
VOUT = 10mV
VOUT = 50mV
VOUT = 1V
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
10k
100k
1M
10M
100M
FREQUENCY (Hz)
VOUT = 100mV
VOUT = 10mV
VOUT = 50mV
VOUT = 1V
V+ = 5V
RL = 100k
AV = +1
VOUT = 10mVP-P
CL = 16.3pF
RL = 10k
RL = 1k
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
10k
100k
1M
10M
100M
FREQUENCY (Hz)
RL = 100k
V+ = 5V
AV = +1
VOUT = 10mVP-P
CL = 16.3pF
-10
0
10
20
30
40
50
60
70
100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
AV = 1
AV = 10
AV = 101
AV = 1001
V+ = 5V
VOUT = 10mVP-P
CL = 16.3pF
RL = 10k
100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
AV = 1001, Rg = 1k, Rf = 1M
AV = 10, Rg = 1k, Rf = 9.09k
AV = 1, Rg = INF, Rf = 0
AV = 101, Rg = 1k, Rf = 100k
ISL28136



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com