Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS8221 Datasheet(PDF) 14 Page - ams AG

Part # AS8221
Description  FlexRay Standard Transceiver
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8221 Datasheet(HTML) 14 Page - ams AG

Back Button AS8221 Datasheet HTML 10Page - ams AG AS8221 Datasheet HTML 11Page - ams AG AS8221 Datasheet HTML 12Page - ams AG AS8221 Datasheet HTML 13Page - ams AG AS8221 Datasheet HTML 14Page - ams AG AS8221 Datasheet HTML 15Page - ams AG AS8221 Datasheet HTML 16Page - ams AG AS8221 Datasheet HTML 17Page - ams AG AS8221 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 41 page
background image
AS8221
Datasheet - Detailed Descr i p ti on
www.austriamicrosystems.com/flexray/AS8221
Revision 1.4
14 - 41
8 Detailed Description
The AS8221 is a FlexRay Transceiver operating as an interface between the Communication Controller and the wired bus lines. The AS8221 is
designed to extend the application range for high speed and safety critical time triggered bus systems in an automotive environment. The drivers
are short circuit protected against the positive and negative supply voltage to increase the robustness and reliability of automotive systems. The
AS8221 operates at baudrates up to 10 Mbps.
8.1 Block Description
The AS8221 consists of 9 functional blocks (see Figure 1):
8.2 Events
Transitions in order to change between the operation modes are possible only if events are detected. The device supports three type of events,
events on the host controller interface (STBN, EN), detection of undervoltage or supply voltage recovery and wake events. Mode changes are
only performed upon detected events.
8.3 Operating Modes
The AS8221 provides the following operating modes:
NORMAL: non-low-power mode
RECEIVE-ONLY: non-low-power mode
STANDBY: low-power mode
GO-TO-SLEEP: low-power mode
SLEEP: low-power mode
Table 4. Functional Blocks
Functional Block
Short Description
Host Controller Interface (HCI)
Digital interface between the Transceiver and the host controller (HC)
The host interface comprises the read-out handler, which delivers failure and status
information via the ERRN pin to the host controller.
Communication Controller Interface (CCI)
Digital interface between the Transceiver and the FlexRay communication controller
(CC)
Bus Guarding Interface (BGI)
Digital interface between the Transceiver and the FlexRay bus guardian (BG) or
monitoring circuitry.
Power Supply Interface
(PSI)
The power supply interface consists of the voltage monitor (VM) with two analog
inhibit outputs switching external voltage supplies.
Internal Logic (IL)
The digital signals from the functional blocks of the device are fed into the internal
logic where the forwarding of FlexRay messages from analog side to digital interfaces
and vice versa is done. The state machine is embedded in the Internal Logic and the
handling of error, wake, and power-on flags is executed herein.
Bus Failure Detector (BFD)
Temperature Protection (TP)
The bus failure detector is directly connected to the bus pins, in order to detect several
external failure conditions which may occur on the bus.
The temperature protection turns off the output driver when reaching the specified
internal temperature in order to protect the device.
Transmitter
The transmitter provides the differential signalling according the FlexRay standard on
the bus pins.
Receiver
The Receiver captures FlexRay valid signals at the bus pins and provides the
received data streams to the Internal Logic.
Wake-Up Detector (WUD)
The wake-up detector recognizes valid wake-up frames on the bus, recognizes a
wake signal on the local WAKE pin and signals valid wake-up events to the Internal
Logic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com