Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XS2F-M12PVC3S2M Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # XS2F-M12PVC3S2M
Description  Round Water-resistant Connectors (M12)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XS2F-M12PVC3S2M Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button XS2F-M12PVC3S2M Datasheet HTML 2Page - Omron Electronics LLC XS2F-M12PVC3S2M Datasheet HTML 3Page - Omron Electronics LLC XS2F-M12PVC3S2M Datasheet HTML 4Page - Omron Electronics LLC XS2F-M12PVC3S2M Datasheet HTML 5Page - Omron Electronics LLC XS2F-M12PVC3S2M Datasheet HTML 6Page - Omron Electronics LLC XS2F-M12PVC3S2M Datasheet HTML 7Page - Omron Electronics LLC XS2F-M12PVC3S2M Datasheet HTML 8Page - Omron Electronics LLC XS2F-M12PVC3S2M Datasheet HTML 9Page - Omron Electronics LLC XS2F-M12PVC3S2M Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
144
Round Water-resistant Connectors (M12)
XS2
4-Pin and 5-Pin Assembly Connector
■ XS2C - Sockets, Crimping / Soldering Terminals
Dimensions
(Unit: mm)
Ordering Information
Note: Crimping plug contacts are sold separately.
■ XS2U
(Crimping Pin for XS2C)
Dimensions
(Unit: mm)
Ordering Information
Note: Orders are accepted in multiples of the minimum order.
XS2C-
@4C@ (Crimping Model)
XS2C-
@42@ (Soldering Model)
Straight
M12
5 dia.
43.2
14.9 dia.
14.2 dia.
45
°
Angled
M12
5 dia.
31.8
14.9 dia.
23
45
°
Suitable cable dia.
(mm)
Cable connection
direction
Connection method
Model
Minimum order
6-mm-dia. model
(5 to 6 mm dia.)
Straight
Crimping
XS2C-D4C1
50
Soldering
XS2C-D421
Angled
Crimping
XS2C-D4C2
Soldering
XS2C-D422
4-mm-dia. model
(4 to 5 mm dia.)
Straight
Crimping
XS2C-D4C3
Soldering
XS2C-D423
Angled
Crimping
XS2C-D4C4
Soldering
XS2C-D424
3-mm-dia. model
(3 to 4 mm dia.)
Straight
Crimping
XS2C-D4C5
Soldering
XS2C-D425
Angled
Crimping
XS2C-D4C6
Soldering
XS2C-D426
XS2U-222
@ (Socket Pin)
1.5
B
A
2.3 dia.
2 dia.
C dia.
Slit
Dimensions
Model
Suitable
core size
(mm2)
Dimension (mm)
No. of
slits
ABC
XS2U-2221
0.18 to 0.3
16.7 6.1
0.8
1
XS2U-2222
0.5 to 0.75
16.8 6.2
1.3
0
Note: A special tool must be used for crimping. For details, refer to the “XS5/XS2 - Assembly Tooling and Accessories” datasheet.
Suitable core size
(mm2)
Model
Minimum order
0.18 to 0.3
XS2U-2221
100
0.5 to 0.75
XS2U-2222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com