Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XS2F-M12PVC3S5M Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # XS2F-M12PVC3S5M
Description  Round Water-resistant Connectors (M12)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XS2F-M12PVC3S5M Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button XS2F-M12PVC3S5M Datasheet HTML 4Page - Omron Electronics LLC XS2F-M12PVC3S5M Datasheet HTML 5Page - Omron Electronics LLC XS2F-M12PVC3S5M Datasheet HTML 6Page - Omron Electronics LLC XS2F-M12PVC3S5M Datasheet HTML 7Page - Omron Electronics LLC XS2F-M12PVC3S5M Datasheet HTML 8Page - Omron Electronics LLC XS2F-M12PVC3S5M Datasheet HTML 9Page - Omron Electronics LLC XS2F-M12PVC3S5M Datasheet HTML 10Page - Omron Electronics LLC XS2F-M12PVC3S5M Datasheet HTML 11Page - Omron Electronics LLC XS2F-M12PVC3S5M Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
146
Round Water-resistant Connectors (M12)
XS2
■ XS2G - Plugs, Crimping / Soldering Terminals
Dimensions
(Unit: mm)
Ordering Information
Note: Crimping plug contacts are sold separately.
■ XS2U
(Crimping Pin for XS2G)
Dimensions
(Unit: mm)
Ordering Information
Note: Orders are accepted in multiples of the minimum order.
14.9 dia.
47.1
14.2 dia.
5 dia.
45
°
M12
XS2G-
@4C@ (Crimping Model)
XS2G-
@42@ (Soldering Model)
Straight
XS2G-D42
@ (Soldering Model)
Angled
35.7
M12
× 1
14.9 dia.
45
°
23
5 dia.
Suitable cable dia.
(mm)
Cable connection
direction
Connection
method
Model
Minimum
order
6-mm-dia. model
(5 to 6 mm dia.)
Straight
Crimping
XS2G-D4C1
50
Soldering
XS2G-D421
Angled
Soldering
XS2G-D422
4-mm-dia. model
(4 to 5 mm dia.)
Straight
Crimping
XS2G-D4C3
Soldering
XS2G-D423
Angled
Soldering
XS2G-D424
3-mm-dia. model
(3 to 4 mm dia.)
Straight
Crimping
XS2G-D4C5
Soldering
XS2G-D425
Angled
Soldering
XS2G-D426
XS2U-312
@ (Plug Pin)
2.3 dia.
2 dia.
C dia.
1.5
1 dia.
B
Slit
A
Dimensions
Model
Suitable
core size
(mm2)
Dimension (mm)
No. of
slits
ABC
XS2U-3121
0.18 to 0.3
20.0 6.1
0.8
1
XS2U-3122
0.5 to 0.75
20.1 6.2
1.3
0
Note: A special tool must be used for crimping. For details, refer to the “XS5/XS2 - Assembly Tooling and Accessories” datasheet.
Suitable core size
(mm2)
Model
Minimum order
0.18 to 0.3
XS2U-3121
100
0.5 to 0.75
XS2U-3122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com