Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XS2F-M12PVC4A5M Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # XS2F-M12PVC4A5M
Description  Round Water-resistant Connectors (M12)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XS2F-M12PVC4A5M Datasheet(HTML) 4 Page - Omron Electronics LLC

  XS2F-M12PVC4A5M Datasheet HTML 1Page - Omron Electronics LLC XS2F-M12PVC4A5M Datasheet HTML 2Page - Omron Electronics LLC XS2F-M12PVC4A5M Datasheet HTML 3Page - Omron Electronics LLC XS2F-M12PVC4A5M Datasheet HTML 4Page - Omron Electronics LLC XS2F-M12PVC4A5M Datasheet HTML 5Page - Omron Electronics LLC XS2F-M12PVC4A5M Datasheet HTML 6Page - Omron Electronics LLC XS2F-M12PVC4A5M Datasheet HTML 7Page - Omron Electronics LLC XS2F-M12PVC4A5M Datasheet HTML 8Page - Omron Electronics LLC XS2F-M12PVC4A5M Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
142
Round Water-resistant Connectors (M12)
XS2
■ XS2H - Plugs on One Cable End
Dimensions
(Unit: mm)
Wiring Diagram
Ordering Information
Model Number Legend
Use this model number legend to identify products from their model number.
When ordering, use a model number from the table in Ordering Information.
1. Screw Type
M12: M12 size
2. Cable type
PVC: PVC cable
PUR: PUR cable
3. Number of Poles
3:
3 cores
4:
4 cores
5:
5 cores
4. Shape
S:
Straight
5. Cable Length
2M:
2 m
5M:
5 m
10M: 10 m
XS2H-M12PVC
@S@@M PVC Cable
XS2H-M12PUR
@S@@M PUR Cable
Straight
45
°
5 dia.
44.7
14.9 dia.
L50
(40: For PUR cable)
30
5
3 cores
4 cores
5 cores
Connector
Size
Cable material
Cores
Shape
Length (m)
Product description
Plug
M12
PVC
3
Straight
2
XS2H-M12PVC3S2M
5
XS2H-M12PVC3S5M
10
XS2H-M12PVC3S10M
4
2
XS2H-M12PVC4S2M
5
XS2H-M12PVC4S5M
10
XS2H-M12PVC4S10M
5
2
XS2H-M12PVC5S2M
5
XS2H-M12PVC5S5M
PUR
3
2
XS2H-M12PUR3S2M
5
XS2H-M12PUR3S5M
10
XS2H-M12PUR3S10M
4
2
XS2H-M12PUR4S2M
5
XS2H-M12PUR4S5M
10
XS2H-M12PUR4S10M
5
2
XS2H-M12PUR5S2M
5
XS2H-M12PUR5S5M
1
2
3
4
Blue
Black
Contact No.
Cable lead
colors
Brown
1
2
3
4
Blue
Black
Brown
White
Contact No.
Cable lead
colors
1
2
3
5
4
Blue
Green / Yellow
Black
Brown
White
Contact No.
Cable lead
colors
XS2H - M12
@@@ @S @@M
12
3 4
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com