Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XS2F-M12PVC4S2M Datasheet(PDF) 12 Page - Omron Electronics LLC

Part # XS2F-M12PVC4S2M
Description  Round Water-resistant Connectors (M12)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XS2F-M12PVC4S2M Datasheet(HTML) 12 Page - Omron Electronics LLC

Back Button XS2F-M12PVC4S2M Datasheet HTML 8Page - Omron Electronics LLC XS2F-M12PVC4S2M Datasheet HTML 9Page - Omron Electronics LLC XS2F-M12PVC4S2M Datasheet HTML 10Page - Omron Electronics LLC XS2F-M12PVC4S2M Datasheet HTML 11Page - Omron Electronics LLC XS2F-M12PVC4S2M Datasheet HTML 12Page - Omron Electronics LLC XS2F-M12PVC4S2M Datasheet HTML 13Page - Omron Electronics LLC XS2F-M12PVC4S2M Datasheet HTML 14Page - Omron Electronics LLC XS2F-M12PVC4S2M Datasheet HTML 15Page - Omron Electronics LLC XS2F-M12PVC4S2M Datasheet HTML 16Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
150
Round Water-resistant Connectors (M12)
XS2
Panel-mount Connectors
■ XS2P - Sockets
Dimensions
(Unit: mm)
Ordering Information
M16
× 1
7
Panel
Rubber bushing
14.6 dia.
7.8
20.5
24
2.5
20 dia.
M12
XS2P-D421-2 (with Solder Cup Pins)
Rear Lock Model
2 dia.
16 dia.
Rubber bushing
17
5 dia.
Panel
M16
× 1
14 dia.
8.7
17
23.5
27
2.5
20 dia.
Rubber bushing
Panel
M16
× 1
14 dia.
7
20.5
6
24
M12
XS2P-D422-1 (with Through-hole PCB Pins)
XS2P-D422-2 (with Solder Cup Pins)
Front Lock Model
With Solder Cup Pins
With Through-hole PCB Pins
24 min.
7
+0.1
0
16
+0.15
0
dia.
24 min.
5
5
Land
Four, 2.2-dia.holes
Panel Cutout
PCB-mounting Dimensions
Note: The panel thickness is 1 to 4 mm.
Lock method
Pin shape
Model
Minimum order
Rear lock
Solder cup pin
XS2P-D421-2
50
Front lock
Solder cup pin
XS2P-D422-2
Through-hole PCB pin
XS2P-D422-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com