Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2SC2883-Y Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 2SC2883-Y
Description  NPN Silicon Power Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2SC2883-Y Datasheet(HTML) 1 Page - Micro Commercial Components

  2SC2883-Y Datasheet HTML 1Page - Micro Commercial Components 2SC2883-Y Datasheet HTML 2Page - Micro Commercial Components 2SC2883-Y Datasheet HTML 3Page - Micro Commercial Components 2SC2883-Y Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NPN Silicon
Power Transistors
Features
•
Power amplifier applications
Maximum Ratings
Symbol
Rating
Rating
Unit
VCEO
Collector-Emitter Voltage
30
V
VCBO
Collector-Base Voltage
30
V
VEBO
Emitter-Base Voltage
5.0
V
IC
Collector Current
1500
mA
PC
Collector power dissipation
500
mW
TJ
Junction Temperature
150
TSTG
Storage Temperature
-55 to +150
Electrical Characteristics @ 25OC Unless Otherwise Specified
Symbol
Parameter
Min
Typ.
Max
Units
OFF CHARACTERISTICS
V(BR)CEO
Collector-Emitter Breakdown Voltage*
(IC=10mAdc, IB=0)
30
---
---
Vdc
V(BR)EBO
Collector-Emitter Breakdown Voltage*
(IE=1mAdc, IC=0)
5
---
Vdc
ICBO
Collector-Base Cutoff Current
(VCB=30Vdc,IE=0)
---
---
0.1
uAdc
IEBO
Emitter-Base Cutoff Current
(VEB=5.0Vdc, IC=0)
---
---
0.1
uAdc
ON CHARACTERISTICS
hFE
Forward Current Transfer ratio
(IC=0.5Adc, VCE=2.0Vdc)
100
---
320
---
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=1.5Adc, IB=30mAdc)
---
---
2.0
Vdc
VBE
Base-Emitter Voltage
(IC=0.5Adc, VCE=2.0Vdc)
---
---
1.0
Vdc
fT
Transition Frequency
(IC=0.5Adc, VCE=2.0Vdc)
---
120
---
MHz
Cob
Collector Output Capacitance
(VCB=10V, IE=0, f=1MHz)
---
---
40
pF
Revision:
A
20
11/01/01
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC

SOT-89
1.BASE
2.COLLECTOR
3.EMITTER
TM
Micro Commercial Components
CLASSIFICATION OF HFE
Rank
Range
Marking
OY
100-200
1
60-320
GO
GY
www.mccsemi.com
1 of
4
2SC2883-O
2SC2883-Y
B
A
E
D
G
H
F
K
J
C
























 

 
 











25











































1.55
.061
REF.


1
2
3
•
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisure Sensitivity Level 1


Similar Part No. - 2SC2883-Y

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC2883-Y KEXIN-2SC2883-Y Datasheet
976Kb / 2P
NPN Transistors
logo
Micro Commercial Compon...
2SC2883-Y MCC-2SC2883-Y Datasheet
469Kb / 4P
NPN Silicon Power Transistors
More results

Similar Description - 2SC2883-Y

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BUS47 MOTOROLA-BUS47 Datasheet
79Kb / 2P
NPN SILICON POWER TRANSISTORS
logo
Bourns Electronic Solut...
BD241 BOURNS-BD241 Datasheet
107Kb / 5P
NPN SILICON POWER TRANSISTORS
BU426 BOURNS-BU426 Datasheet
129Kb / 6P
NPN SILICON POWER TRANSISTORS
logo
Inchange Semiconductor ...
S2055A ISC-S2055A Datasheet
40Kb / 3P
Silicon NPN Power Transistors
2SC3182N ISC-2SC3182N Datasheet
168Kb / 4P
Silicon NPN Power Transistors
2SC4690 ISC-2SC4690 Datasheet
85Kb / 4P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC2497 SAVANTIC-2SC2497 Datasheet
107Kb / 3P
Silicon NPN Power Transistors
2SC2517 SAVANTIC-2SC2517 Datasheet
104Kb / 3P
Silicon NPN Power Transistors
2SC2562 SAVANTIC-2SC2562 Datasheet
143Kb / 5P
Silicon NPN Power Transistors
2SC2577 SAVANTIC-2SC2577 Datasheet
136Kb / 3P
Silicon NPN Power Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com