Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2SD669AB Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 2SD669AB
Description  NPN Silicon Plastic-Encapsulate Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2SD669AB Datasheet(HTML) 1 Page - Micro Commercial Components

  2SD669AB Datasheet HTML 1Page - Micro Commercial Components 2SD669AB Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NPN Silicon
Plastic-Encapsulate
Transistor
Features
Electrical Characteristics @ 25OC Unless Otherwise Specified
Symbol
Parameter
Min
Max
Units
OFF CHARACTERISTICS
V(BR)CEO
Collector-Emitter Breakdown Voltage
(IC=10mAdc, IB=0)
V(BR)CBO
Collector-Base Breakdown Voltage
(IC=1mAdc, IE=0)
V(BR)EBO
Emitter-Base Breakdown Voltage
(IE=1mAdc, IC=0)
5.0
---
Vdc
ICBO
Collector Cutoff Current
(VCB=160Vdc, IE=0)
---
10
uAdc
IEBO
Emitter Cutoff Current
(VEB=4Vdc, IC=0)
---
10
uAdc
ON CHARACTERISTICS
hFE-1
DC Current Gain
(IC=150mAdc, VCE=5Vdc)
hFE-2
DC Current Gain
(IC=500mAdc, VCE=5Vdc)
30
---
---
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=500mAdc, IB=50mAdc)
---
1.0
Vdc
VBE
Base-Emitter Saturation Voltage
(VCE=5Vdc, IC=150mAdc)
---
1.5
Vdc
f
Transition Frequency
(VCE=5Vdc, IC=150mAdc)
CLASSIFICATION OF HFE
Rank
B
C
D
Range 2SD669
60-120
100-200
160-320
Revision: A
2011/01/01
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
M C C
TM
Micro Commercial Components
www.mccsemi.com
1 of 2
120
Vdc
2SD669
2SD669A
---
160
Vdc
---
180
Vdc
---
2SD669
2SD669A
60
60
320
200
---
---
T
140(TYP)
MHz
C
Collector output capacitance
(VCB=10Vdc, IE=0,f=1MHz)
14(TYP)
pF
ob
2SD669A
60-120
100-200
2SD669(A)-C
2SD669-D
2SD669(A)
2SD669(A)-B





 

 


0.291
0.307

7.40
7.80

0.417
0.433
10.60
11.00

0.602
0.618
15.30
15.70

4
1
3.90
4.10

0.118
0.126
3.00
3.20

0.026
0.034
0.66
0.86

0.046
0.054
1.17
1.37

0.090TYP
2.290TYP

0.098
0.114
2.50
2.90
D
B
N
A
C
E
F
G
Q
K
M
N
0.043
0.059
1.10
1.50
Q
0.018
0.024
0.45
0.60
L
J
PIN 1.
EMITTER
PIN 2.
COLLECTOR
PIN 3.
BASE
1
2
3
L
0.083
0.091
2.10
2.30
M
0.000
0.012
0.00
0.30





DIMENSIONS
•
Capable of 1 Watts of Power Dissipation.
•
Collector-current 1.5A
•
Collector-base Voltage 180V
•
Operating and storage junction temperature range: -55
OC to +150OC
•
Lead Free Finish/RoHS Compliant (Note1) ("P" Suffix designates
RoHS Compliant. See ordering information)
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisure Sensitivity Level 1
Notes: 1. High Temperature Solder Exemption Applied, see EU Directive Annex Notes 7.


Similar Part No. - 2SD669AB

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SD669A HITACHI-2SD669A Datasheet
36Kb / 7P
Silicon NPN Epitaxial
logo
Weitron Technology
2SD669A WEITRON-2SD669A Datasheet
245Kb / 5P
NPN Epitaxial Planar Transistors
logo
List of Unclassifed Man...
2SD669A ETC2-2SD669A Datasheet
64Kb / 1P
NPN SILICON TRANSISTOR
logo
Savantic, Inc.
2SD669A SAVANTIC-2SD669A Datasheet
276Kb / 5P
Silicon NPN Power Transistors
logo
Unisonic Technologies
2SD669A UTC-2SD669A Datasheet
126Kb / 4P
BIPOLAR POWER GENERAL PURPOSE TRANSISTOR
More results

Similar Description - 2SD669AB

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2SC3052 SECOS-2SC3052 Datasheet
352Kb / 3P
NPN Silicon Plastic-Encapsulate Transistor
A44 SECOS-A44 Datasheet
314Kb / 3P
NPN Silicon Plastic-Encapsulate Transistor
logo
Micro Commercial Compon...
MS8050-L MCC-MS8050-L Datasheet
224Kb / 3P
NPN Silicon Plastic-Encapsulate Transistor
MMS9014-L MCC-MMS9014-L Datasheet
189Kb / 2P
NPN Silicon Plastic-Encapsulate Transistor
MJE3055 MCC-MJE3055 Datasheet
246Kb / 3P
NPN Silicon Plastic-Encapsulate Transistor
MJE13001 MCC-MJE13001 Datasheet
247Kb / 3P
NPN Silicon Plastic-Encapsulate Transistor
MJE13002 MCC-MJE13002 Datasheet
257Kb / 2P
NPN Silicon Plastic-Encapsulate Transistor
MJE13002B MCC-MJE13002B Datasheet
182Kb / 2P
NPN Silicon Plastic-Encapsulate Transistor
MJE13002B MCC-MJE13002B_13 Datasheet
236Kb / 2P
NPN Silicon Plastic-Encapsulate Transistor
MJE13003B MCC-MJE13003B_13 Datasheet
264Kb / 2P
NPN Silicon Plastic-Encapsulate Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com