Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS455 Datasheet(PDF) 4 Page - Sharp Corporation

Part # IS455
Description  Linear Output Type OPIC Light Detector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

IS455 Datasheet(HTML) 4 Page - Sharp Corporation

  IS455 Datasheet HTML 1Page - Sharp Corporation IS455 Datasheet HTML 2Page - Sharp Corporation IS455 Datasheet HTML 3Page - Sharp Corporation IS455 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
IS455
CRT
47
Ω
CRT
L E D
Voltage regulator
Adjustment detector
Main detector
DP1
DP2
λ P=
660nm
Time t
Test Circuit For Frequency
0
0
10 -2
1
2
3
510
10
10 2
10 3
10 4
10 -1
10 1
10 2
10
10 2
10 3
10 4
10 5
10
10 2
10 3
10 4
10 5
10 2
0
10 3
10 4
10 5
10 6
10 7
10 8
10
20
30
40
50
60
10 2
10 3
10 4
10 5
60
50
40
30
20
10
0
-10
-20
CIE standard light source A
Vo = 0
CIE standard
RL=1kΩ
CIE standard light source A
PSRR= 20 log
100lx
10lx
0lx
10k
Ω
3.3k
Ω
3.3k
Ω
10k
Ω
1
2
2
1
Fig. 8 Supply Current vs. Supply Voltage
Threshold illuminance Ev (lx )
Fig. 9 Supply Current vs.
Vcc = 5V
light source A
Fig.10 Frequency
Frequency f (Hz )
*Ev= 100lx
*
VCC
IO
VO
5V
GND
VOP
RL= 30kΩ
Vcc= 5+
sin2
π ft (V)
EV =0
Frequency ( 2 ) f ( Hz )
RL= 30kΩ
EV= 1001x
Fig.11 Supply Voltage Rejection Ratio
vs. Ripple Frequency ( 1 )
Fig.12 Supply Voltage Rejection Ratio vs.
Ripple Frequency ( 2 )
Supply voltage V CC (V)
VCC =5V
Frequency
( 1) f ( Hz )
Threshold Illuminance
Ta= 25˚C
1
1
1
1
Vcc= 5+
sin 2
π ft (V)
Ripple Voltage V CC
Ripple Voltage VO
Ev = 1 000lx
Ev= 1 000lx
q Please refer to the chapter “ Precautions for Use.”



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com