Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OS102011MS2QN1 Datasheet(PDF) 1 Page - C&K Components

Part # OS102011MS2QN1
Description  Miniature Slide Switches
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

OS102011MS2QN1 Datasheet(HTML) 1 Page - C&K Components

  OS102011MS2QN1 Datasheet HTML 1Page - C&K Components OS102011MS2QN1 Datasheet HTML 2Page - C&K Components OS102011MS2QN1 Datasheet HTML 3Page - C&K Components OS102011MS2QN1 Datasheet HTML 4Page - C&K Components OS102011MS2QN1 Datasheet HTML 5Page - C&K Components OS102011MS2QN1 Datasheet HTML 6Page - C&K Components OS102011MS2QN1 Datasheet HTML 7Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
I
I–37
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ck-components.com
POS.1
POS.2
1-2
CONN. TERMINALS
SCHEMATIC
SPDT
PART NUMBER
SWITCH FUNCTION
OS102011MS2QN1
(non-shorting)
ON
ON
YES
NO
RoHS
Compliant
RoHS
Compatible
OS102011MS2QN1C
(non-shorting)
ON
ON
YES
YES
2-3
OS102011MS2QS1
(shorting)
ON
ON
YES
NO
OS102011MS2QS1C
(shorting)
ON
ON
YES
YES
POS.1
POS.3
POS.2
1-2
2-3
CONN. TERMINALS
SCHEMATIC
PART NUMBER
SWITCH FUNCTION
SP3T
OS103011MS8QP1
(Non-specified)
ROHS
Compliant
ROHS
Compatible
ON
ON
ON
YES
NO
2-4
OS103011MS8QP1C
(Non-specified)
ON
ON
ON
YES
YES
OS Series
Miniature Slide Switches
Actuator shown in pos. 3
4
1
2 3 4
PC MOUNTING
1
2 3 4
Actuator shown in pos. 2
3
1 2 3
PC MOUNTING
12 3
Features/Benefits
• Variety of actuators & terminations
• PC and panel mounting
• Gold or silver plating available
• Shorting or non-shorting contacts
• RoHS compliant
Typical Applications
• Test & measurement equipment
• Computer peripherals &
network products
• Consumer products
Specifications
CONTACT RATING: See individual parts.
MECHANICAL & ELECTRICAL LIFE: 10,000 cycles.
CONTACT RESISTANCE: 20 m
Ω or less.
INSULATION RESISTANCE: 100 M
Ω min. at 500 VDC.
DIELECTRIC STRENGTH: 500 VAC for 1 minute.
OPERATING TEMPERATURE: –10ºC to +70ºC.
PACKAGING: Bulk
* For RoHS compatible switches contact customer service.
How To Order
Complete part numbers for OS Series Slide Switches are shown on pages I–37 through I–43.
NOTE: Adding “C” option at the end of part number designates high temperature actuators
Materials
BASE: Phenolic resin.
ACTUATOR: POM, black.
HOUSING PLATE: Non-compatible; SPCC Sn plated.
Compatible; SPCC Ni plated.
MOVABLE CONTACT: Copper alloy, silver plated or gold.
STATIONARY CONTACTS: Brass, silver plated.
TERMINALS: Brass, silver plated (Gold plate - Contact
customer service).
TERMINAL SEALED.
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
OS102011MS2QN1
SPDT
OS103011MS8QP1
SP3T
CONTACT RATING: 0.1A @ 12 VDC
CONTACT RATING: 0.1A @ 12 VDC


Similar Part No. - OS102011MS2QN1

ManufacturerPart #DatasheetDescription
logo
ITT Industries
OS102011MS2QN1 ITT-OS102011MS2QN1 Datasheet
955Kb / 7P
Miniature Slide Switches
logo
C&K Components
OS102011MS2QN1 CK-COMPONENTS-OS102011MS2QN1 Datasheet
1Mb / 8P
Miniature Slide Switches
15 Mar 22
OS102011MS2QN1C CK-COMPONENTS-OS102011MS2QN1C Datasheet
1Mb / 8P
Miniature Slide Switches
15 Mar 22
More results

Similar Description - OS102011MS2QN1

ManufacturerPart #DatasheetDescription
logo
ITT Industries
OS102011MS2QN1 ITT-OS102011MS2QN1 Datasheet
955Kb / 7P
Miniature Slide Switches
L202011MS02Q2 ITT-L202011MS02Q2 Datasheet
615Kb / 6P
Miniature Slide Switches
logo
C&K Components
1000 CK-COMPONENTS-1000 Datasheet
521Kb / 6P
Miniature Slide Switches
L202011MS02QE2 CK-COMPONENTS-L202011MS02QE2 Datasheet
322Kb / 6P
Miniature Slide Switches
logo
E-SWITCH
600 E-SWITCH-600 Datasheet
218Kb / 2P
SLIDE SWITCHES - MINIATURE
logo
List of Unclassifed Man...
SLB12814 ETC2-SLB12814 Datasheet
579Kb / 8P
Miniature Slide Switches
SLG12004 ETC2-SLG12004 Datasheet
69Kb / 1P
Miniature Slide Switches
logo
Copal Electronics
ES_SERIES COPAL-ES_SERIES Datasheet
825Kb / 2P
Miniature Slide Switches
SS220K-23 COPAL-SS220K-23 Datasheet
551Kb / 1P
Miniature Slide Switches
logo
C&K Components
L CK-COMPONENTS-L Datasheet
783Kb / 6P
Miniature Slide Switches
19 Mar 2019
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com