Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SDA Datasheet(PDF) 2 Page - C&K Components

Part # SDA
Description  Low Profile DIP Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

SDA Datasheet(HTML) 2 Page - C&K Components

  SDA Datasheet HTML 1Page - C&K Components SDA Datasheet HTML 2Page - C&K Components SDA Datasheet HTML 3Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
H
H–9
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ck-components.com
PEELABLE
TAPE SEAL
.183
(4,65)
.100
(2,54)
.010
(0,25)
.024
(0,61)
.063
(1,60)
.320
(8,13)
.295
(7,49)
12
3456
78
DIM 'A'
.051
(1,30)
.100 TYP.
(2,54)
.300 TYP.
(7,6)
Ø.031 TYP.
(0,8)
.106
(2,70)
TRAVEL
.138
(3,5)
Flush Actuator – With Top Tape, Thru-hole Terminals
12
3456
78
PEELABLE
TAPE SEAL
DIM 'A'
.100
(2,54)
.031
(0,79)
.024
(0,61)
.240 TYP.
(6,10)
.059 MIN.
(1,50)
.051
(1,30)
.366
(9,30)
.295
(7,49)
.100
(2,54)
TYP.
.175
(4,45)
.409 MIN.
(10,4)
TRAVEL
Flush Actuator – With Top Tape, Surface Mount Terminals
12
3456
78
DIM 'A'
.100
(2,54)
.031
(0,79)
.024
(0,61)
.240 TYP.
(6,10)
.059 MIN.
(1,50)
.051
(1,30)
.366
(9,30)
.295
(7,49)
.100
(2,54)
TYP.
.409 MIN.
(10,4)
.175
(4,45)
TRAVEL
.138
(3,5)
Flush Actuator – No Tape, Surface Mount Terminals
SDA Series
Low Profile DIP Switches
SDA08H0B
SDA08H0SB
SDA08H0SBD
ROHS
NO.
QUANTITY
PART NUMBER
POS.
DIM. ‘A’
PER TUBE
SDA01H0B
1
.178 (4,52)
100
SDA02H0B
2
.278 (7,06)
60
SDA03H0B
3
.378 (9,60)
45
SDA04H0B
4
.476 (12,10)
35
SDA05H0B
5
.578 (14,68)
30
SDA06H0B
6
.676 (17,18)
25
SDA07H0B
7
.778 (19,76)
20
SDA08H0B
8
.876 (22,26)
20
SDA09H0B
9
.978 (24,84)
15
SDA10H0B
10
1.076 (27,34)
15
SDA12H0B
12
1.279 (32,50)
14
Schematic
SPST
ROHS
NO.
QUANTITY
PART NUMBER
POS.
DIM. ‘A’
PER TUBE
SDA01H0SB
1
.178 (4,52)
100
SDA02H0SB
2
.278 (7,06)
60
SDA03H0SB
3
.378 (9,60)
45
SDA04H0SB
4
.476 (12,10)
35
SDA05H0SB
5
.578 (14,68)
30
SDA06H0SB
6
.676 (17,18)
25
SDA07H0SB
7
.778 (19,76)
20
SDA08H0SB
8
.876 (22,26)
20
SDA09H0SB
9
.978 (24,84)
15
SDA10H0SB
10
1.076 (27,34)
15
SDA12H0SB
12
1.279 (32,50)
14
Schematic
SPST
ROHS
NO.
QUANTITY
PART NUMBER
POS.
DIM. ‘A’
PER TUBE
SDA01H0SBD
1
.178 (4,52)
100
SDA02H0SBD
2
.278 (7,06)
60
SDA03H0SBD
3
.378 (9,60)
45
SDA04H0SBD
4
.476 (12,10)
35
SDA05H0SBD
5
.578 (14,68)
30
SDA06H0SBD
6
.676 (17,18)
25
SDA07H0SBD
7
.778 (19,76)
20
SDA08H0SBD
8
.876 (22,26)
20
SDA09H0SBD
9
.978 (24,84)
15
SDA10H0SBD
10
1.076 (27,34)
15
SDA12H0SBD
12
1.279 (32,50)
14
Schematic
SPST
NOTE: SDA 01 options are 4,25mm thick
NOTE: SDA 01 options are 4,25mm thick
NOTE: SDA 01 options are 4,25mm thick



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com