Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACT5830 Datasheet(PDF) 1 Page - Active-Semi, Inc

Part # ACT5830
Description  Twelve Channel PMU for Mobile Phones
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT5830 Datasheet(HTML) 1 Page - Active-Semi, Inc

  ACT5830 Datasheet HTML 1Page - Active-Semi, Inc ACT5830 Datasheet HTML 2Page - Active-Semi, Inc ACT5830 Datasheet HTML 3Page - Active-Semi, Inc ACT5830 Datasheet HTML 4Page - Active-Semi, Inc ACT5830 Datasheet HTML 5Page - Active-Semi, Inc ACT5830 Datasheet HTML 6Page - Active-Semi, Inc ACT5830 Datasheet HTML 7Page - Active-Semi, Inc ACT5830 Datasheet HTML 8Page - Active-Semi, Inc ACT5830 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
Innovative Power
TM
- 1 -
www.active-semi.com
Copyright © 2010 Active-Semi, Inc.
ActivePMU
TM is a trademark of Active-Semi.
I
2CTM is a trademark of NXP.
FEATURES
Multiple Patents Pending
350mA, PWM Step-Down DC/DC Converter
Eight I2C-Programmable, Low Noise LDOs
Three Optimized for RF Section Power
Five Optimized for BB Section Power
Li+ Battery Charger with Integrated MOSFET
Charger Current Monitor Output (VICHG)
Charger ON/OFF Control Pin
Two N-channel Open Drain Switches
Minimal External Components
I2CTM Serial Interface
Configurable Operating Modes
AC-OK and RESET Outputs
5×5mm, Thin-QFN (TQFN55-40) Package
Only 0.75mm Height
RoHS Compliant
APPLICATIONS
GSM or CDMA Mobile Phones
GENERAL DESCRIPTION
The patent-pending ACT5830 is a complete,
integrated power management solution that is ideal
for mid-high and mobile phones. This device
integrates a linear Li+ battery charger with an
internal power MOSFET, a high efficiency 350mA
DC/DC
converter,
eight
low
dropout
linear
regulators, a reset output, and two N-Channel open
drain switches, and an I2C Serial Interface to
achieve flexibility for programming LDO outputs and
individual on/off control.
The charger is a complete, thermally-regulated,
stand-alone single-cell linear Li+ battery charger
that incorporates an internal power MOSFET for
constant-current/constant-voltage
control.
The
charger includes a variety of value-added features,
and it is programmable via the I2C-Interface to
control charging current, termination voltage, along
with safety features and operation modes.
The ACT5830 is available in a compact 5mm x
5mm 40-pin Thin-QFN package that is just 0.75mm
thin.
Pb-free
ACT5830
Rev 2, 20-Jan-11
Twelve Channel PMU for Mobile Phones
SYSTEM BLOCK DIAGRAM
®


Similar Part No. - ACT5830

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT5830 ACTIVE-SEMI-ACT5830 Datasheet
74Kb / 2P
Twelve Channel Integrated Power Management IC for Mobile Handsets
21-Nov-07
ACT5830 ACTIVE-SEMI-ACT5830 Datasheet
713Kb / 41P
Twelve Channel PMU for Mobile Phones
Rev PrB, 05-Mar-08
ACT5830QJCES-T ACTIVE-SEMI-ACT5830QJCES-T Datasheet
713Kb / 41P
Twelve Channel PMU for Mobile Phones
Rev PrB, 05-Mar-08
ACT5830QJCGN-T ACTIVE-SEMI-ACT5830QJCGN-T Datasheet
713Kb / 41P
Twelve Channel PMU for Mobile Phones
Rev PrB, 05-Mar-08
ACT5830 ACTIVE-SEMI-ACT5830_08 Datasheet
713Kb / 41P
Twelve Channel PMU for Mobile Phones
Rev PrB, 05-Mar-08
More results

Similar Description - ACT5830

ManufacturerPart #DatasheetDescription
logo
Rohm
BH7826FVM ROHM-BH7826FVM Datasheet
107Kb / 3P
Audio driver IC for mobile phones
logo
ams AG
AS3653 AMSCO-AS3653 Datasheet
140Kb / 2P
Power Management Unit for Mobile Phones
logo
Active-Semi, Inc
ACT5810 ACTIVE-SEMI-ACT5810 Datasheet
130Kb / 2P
Nine Channel PMU for Mobile Phones
28-Aug-07
ACT5830 ACTIVE-SEMI-ACT5830 Datasheet
74Kb / 2P
Twelve Channel Integrated Power Management IC for Mobile Handsets
21-Nov-07
ACT5830 ACTIVE-SEMI-ACT5830_08 Datasheet
713Kb / 41P
Twelve Channel PMU for Mobile Phones
Rev PrB, 05-Mar-08
logo
Rohm
BD6183GUL ROHM-BD6183GUL Datasheet
560Kb / 35P
System LED Drivers for Mobile Phones
BD6184GUL ROHM-BD6184GUL Datasheet
603Kb / 38P
System LED Drivers for Mobile Phones
logo
Shanghai Leiditech Elec...
SD1271D3W LEIDITECH-SD1271D3W Datasheet
707Kb / 3P
Mobile Phones and Accessories
SD3671D3W LEIDITECH-SD3671D3W Datasheet
759Kb / 3P
Mobile Phones and Accessories
logo
Sangdest Microelectroni...
SMP1005-01ETG SMC-SMP1005-01ETG Datasheet
277Kb / 5P
Mobile Phones
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com