Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HER201 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # HER201
Description  2.0 Amp High Efficient Rectifiers 50 to 1000 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

HER201 Datasheet(HTML) 1 Page - Micro Commercial Components

  HER201_11 Datasheet HTML 1Page - Micro Commercial Components HER201_11 Datasheet HTML 2Page - Micro Commercial Components HER201_11 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HER201
THRU
HER208
2.0 Amp High
Efficient Rectifiers
50 to 1000 Volts
Features
•
Low Forward Voltage Drop
•
Operating Temperature: -55
°C to +150°C
•
Storage Temperature: -55
°C to +150°C
•
For capacitive load, derate current by 20%
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
HER201
50V
35V
50V
HER202
100V
70V
100V
HER203
200V
140V
200V
HER204
300V
210V
300V
HER205
400V
280V
400V
HER206
600V
420V
600V
HER207
800V
560V
800V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
2 A
TA = 55
°C
Peak Forward Surge
Current
IFSM
60A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
HER201-204
HER205
VF
1.0V
1.3V
IFM = 2.0A*;
TA = 25
°C
Reverse Current At
Rated DC Blocking
Voltage (Maximum DC)
IR
5
µA
100
µA
TA = 25
°C
TA = 100
°C
Maximum Reverse
Recovery Time
HER201-205
HER206-208
Trr
50ns
75ns
IF=0.5A, IR=1.0A,
Irr=0.25A
Typical Junction
Capacitance
HER201-205
HER206-208
CJ
50pF
30pF
Measured at
1.0MHz, VR=4.0V
*Pulse Test: Pulse Width 300
µsec, Duty Cycle 1%
DO-15
HER206-208
1.7V
HER208
1000V
700V
1000V
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.230
.300
5.8
7.6
B
.104
.140
2.6
3.6
C
.028
.034
0.71
0.86
D
1.000
---
25.40
---
A
B
C
D
D
Cathode
Mark
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
Revision: A
2011/01/01
TM
Micro Commercial Components
HER20
8
HER20
7
HER20
6
HER20
5
HER20
4
HER20
3
HER20
2
HER201
www.mccsemi.com
1 of 3
•
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Note:
1. High Temperature Solder Exemptions Applied, see EU Directive Annex 7.
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
Maximum Ratings
•
High Surge Current Capability
•
High Reliability


Similar Part No. - HER201_11

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
HER201 YANGJIE-HER201_11 Datasheet
133Kb / 2P
High Efficient Rectifier
logo
Taiwan Semiconductor Co...
HER201 TSC-HER201_11 Datasheet
190Kb / 2P
2.0AMPS High Efficient Rectifiers
logo
Rectron Semiconductor
HER201 RECTRON-HER201_11 Datasheet
218Kb / 7P
HIGH EFFICIENCY RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
More results

Similar Description - HER201_11

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
HER101 MCC-HER101 Datasheet
368Kb / 2P
1.0 Amp High Efficient Rectifiers 50 to 1000 Volts
HER151 MCC-HER151 Datasheet
238Kb / 2P
1.5 Amp High Efficient Rectifiers 50 to 1000 Volts
HER201 MCC-HER201 Datasheet
310Kb / 2P
2.0 Amp High Efficient Rectifiers 50 to 1000 Volts
HER201G MCC-HER201G Datasheet
311Kb / 2P
Passivated High Efficient Rectifiers 50 to 1000 Volts 2.0 Amp Glass
ER3A-HT MCC-ER3A-HT_11 Datasheet
242Kb / 3P
3.0 Amp High Efficient Rectifiers 50 to 1000 Volts
HER201G MCC-HER201G_11 Datasheet
245Kb / 3P
2.0 Amp Glass Passivated High Efficient Rectifiers 50 to 1000 Volts
HER201 MCC-HER201_13 Datasheet
265Kb / 3P
2.0 Amp High Efficient Rectifiers 50 to 1000 Volts
HER201G MCC-HER201G_13 Datasheet
279Kb / 3P
2.0 Amp Glass Passivated High Efficient Rectifiers 50 to 1000 Volts
HER208G-TP MCC-HER208G-TP Datasheet
279Kb / 3P
2.0 Amp Glass Passivated High Efficient Rectifiers 50 to 1000 Volts
logo
DONGGUAN YOU FENG WEI E...
HER201-DO15 YFWDIODE-HER201-DO15 Datasheet
330Kb / 2P
2.0 Amp High Efficient Rectifiers 50 to 1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com