Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74LVC2G34 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74LVC2G34
Description  Dual buffer gate
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC2G34 Datasheet(HTML) 1 Page - NXP Semiconductors

  74LVC2G34 Datasheet HTML 1Page - NXP Semiconductors 74LVC2G34 Datasheet HTML 2Page - NXP Semiconductors 74LVC2G34 Datasheet HTML 3Page - NXP Semiconductors 74LVC2G34 Datasheet HTML 4Page - NXP Semiconductors 74LVC2G34 Datasheet HTML 5Page - NXP Semiconductors 74LVC2G34 Datasheet HTML 6Page - NXP Semiconductors 74LVC2G34 Datasheet HTML 7Page - NXP Semiconductors 74LVC2G34 Datasheet HTML 8Page - NXP Semiconductors 74LVC2G34 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1.
General description
The 74LVC2G34 provides two buffers.
Inputs can be driven from either 3.3 V or 5 V devices. These features allow the use of
these devices in a mixed 3.3 V and 5 V environment.
This device is fully specified for partial power-down applications using IOFF.
The IOFF circuitry disables the output, preventing the damaging backflow current through
the device when it is powered down.
2.
Features and benefits
Wide supply voltage range from 1.65 V to 5.5 V
5 V tolerant inputs for interfacing with 5 V logic
High noise immunity
Complies with JEDEC standard:
JESD8-7 (1.65 V to 1.95 V)
JESD8-5 (2.3 V to 2.7 V)
JESD8B/JESD36 (2.7 V to 3.6 V)
ESD protection:
HBM JESD22-A114F exceeds 2000 V
MM JESD22-A115-A exceeds 200 V
±24 mA output drive (VCC =3.0 V)
CMOS low power consumption
Latch-up performance exceeds 250 mA
Direct interface with TTL levels
Multiple package options
Specified from
−40 °Cto+85 °C and −40 °C to +125 °C.
74LVC2G34
Dual buffer gate
Rev. 5 — 2 September 2010
Product data sheet


Similar Part No. - 74LVC2G34

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC2G34 PHILIPS-74LVC2G34 Datasheet
82Kb / 13P
DUAL BUFFER GATE
2004 Sep 10
74LVC2G34 NXP-74LVC2G34 Datasheet
85Kb / 14P
Dual buffer gate
Rev. 04-20 July 2007
logo
Diodes Incorporated
74LVC2G34 DIODES-74LVC2G34 Datasheet
245Kb / 10P
DUAL BUFFER
Rev 3
logo
Nexperia B.V. All right...
74LVC2G34 NEXPERIA-74LVC2G34 Datasheet
251Kb / 16P
Dual buffer gate
Rev. 12 - 20 January 2022
74LVC2G34-Q100 NEXPERIA-74LVC2G34-Q100 Datasheet
204Kb / 12P
Dual buffer gate
More results

Similar Description - 74LVC2G34

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC2G34 PHILIPS-74LVC2G34 Datasheet
82Kb / 13P
DUAL BUFFER GATE
2004 Sep 10
logo
Texas Instruments
SN74LVC2G34 TI-SN74LVC2G34 Datasheet
529Kb / 13P
DUAL BUFFER GATE
logo
NXP Semiconductors
74HC2G34 NXP-74HC2G34 Datasheet
86Kb / 14P
Dual buffer gate
Rev. 01-6 October 2006
74LVC2G34 NXP-74LVC2G34 Datasheet
85Kb / 14P
Dual buffer gate
Rev. 04-20 July 2007
logo
Texas Instruments
SN74AUC2G34 TI-SN74AUC2G34_09 Datasheet
738Kb / 15P
DUAL BUFFER GATE
SN74LVC2G34-EP TI1-SN74LVC2G34-EP Datasheet
538Kb / 12P
DUAL BUFFER GATE
SN74LVC2G34 TI1-SN74LVC2G34_18 Datasheet
1Mb / 25P
Dual Buffer Gate
logo
Nexperia B.V. All right...
74LVC2G16 NEXPERIA-74LVC2G16 Datasheet
750Kb / 14P
Dual buffer gate
74HC2G34-Q100 NEXPERIA-74HC2G34-Q100 Datasheet
706Kb / 15P
Dual buffer gate
74LVC2G34 NEXPERIA-74LVC2G34 Datasheet
251Kb / 16P
Dual buffer gate
Rev. 12 - 20 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com