Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1SS400RK Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # 1SS400RK
Description  200mW, SMD High Speed Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1SS400RK Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  1SS400RK Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1SS400RK Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 1SS400RK Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1SS400
200mW, SMD High Speed Switching Diode
Small Signal Diode
Electrical Characteristics
Breakdown Voltage
IR=
IF=
Reverse Leakage Current
VR=
Reverse Recovery Time
IF=10mA
VR=6V
RL=100Ω
Junction Capacitance
Tape & Reel specification
Reel width
W1
14.4 Max
P1
2.00 ±0.05
Overall tape thickness
T
0.23 ± 0.05
Tape width
W
8.00 ±0.20
E
1.75 ±0.10
Punch hole position
F
3.50 ±0.05
Sprocke hole pitch
Embossment center
Sprocke hole position
P0
4.00 ±0.10
178 ± 1
Carrier width
A
Reel outside diameter
D
d
Carrier length
B
Reel inner diameter
D1
55 Min
Sprocket hole
1.5 ± 0.1
Feed hole width
D2
13.0 ± 0.20
Item
Symbol
Dimension(mm)
Carrier depth
C
1.68 ±0.10
1.7 ± 0.10
Min
3.73 ± 0.10
-
1.20
Units
Max
pF
Symbol
100
-
0.1
-
VR=0.5V,
f=1.0MHz
-
CJ
4.0
V
VF
V(BR)
V
IR
μA
TRR
nS
4
Type Number
100uA
100mA
80V
Forward Voltage
Top Cover Tape
Carieer Tape
Any Additional Label (If Required)
TSC label
W1
D1
D2
D
T
C
d
P1
P0
A
B
F
W
E
Version : A11



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com