Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL9440AEVAL1Z Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL9440AEVAL1Z
Description  Triple PWM Step-Down Synchronous Buck Controller and One LDO
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9440AEVAL1Z Datasheet(HTML) 5 Page - Intersil Corporation

  ISL9440AEVAL1Z Datasheet HTML 1Page - Intersil Corporation ISL9440AEVAL1Z Datasheet HTML 2Page - Intersil Corporation ISL9440AEVAL1Z Datasheet HTML 3Page - Intersil Corporation ISL9440AEVAL1Z Datasheet HTML 4Page - Intersil Corporation ISL9440AEVAL1Z Datasheet HTML 5Page - Intersil Corporation ISL9440AEVAL1Z Datasheet HTML 6Page - Intersil Corporation ISL9440AEVAL1Z Datasheet HTML 7Page - Intersil Corporation ISL9440AEVAL1Z Datasheet HTML 8Page - Intersil Corporation ISL9440AEVAL1Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
AN1551.0
March 5, 2010
FIGURE 9. PWM2 REGULATION CURVES (PWM1, PWM3
DISABLED)
FIGURE 10. PWM3 REGULATION CURVES (PWM1,
PWM2 DISABLED)
FIGURE 11. SOFT-START CURVES
FIGURE 12. PWM1 OUTPUT RIPPLE UNDER MAX LOAD
(VIN = 12V, IO1 = IO2 = 6A, IO3 = 4A, FULL
BANDWIDTH)
FIGURE 13. PWM2 OUTPUT RIPPLE UNDER MAX LOAD
(VIN = 12V, IO1 = IO2 = 6A, IO3 = 4A, FULL
BANDWIDTH)
FIGURE 14. PWM3 OUTPUT RIPPLE UNDER MAX LOAD
(VIN = 12V, IO1 = IO2 = 6A, IO3 = 4A, FULL
BANDWIDTH)
Typical Evaluation Board Performance Curves V
IN = 12V,
Unless Otherwise Noted. (Continued)
3.290
3.295
3.300
3.305
3.310
LOAD CURRENT
VIN = 12V
VIN = 9V
VIN = 16V
02468
4.970
4.975
4.980
4.985
4.990
4.995
5.000
01
5
LOAD CURRENT
VIN = 12V
VIN = 9V
VIN = 16V
23
4
VOUT2, 2V/DIV
VOUT4, 2V/DIV
VOUT3, 2V/DIV
200µs/DIV
VOUT1, 500mV/DIV
VOUT1(AC), 10mV/DIV
VOUT2(AC), 20mV/DIV
500ns/DIV
VOUT3(AC), 20mV/DIV
500ns/DIV
Application Note 1551



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com