Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MMBT2907ARF Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # MMBT2907ARF
Description  350mW, PNP Small Signal Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MMBT2907ARF Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  MMBT2907ARF Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MMBT2907ARF Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd MMBT2907ARF Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MMBT2907A
350mW, PNP Small Signal Transistor
Small Signal Transistor
Electrical Characteristics
Units
Collector-Base Breakdown Voltage
IE= 0
V
IB= 0
V
IC= 0
V
IE= 0
nA
nA
nA
IC= -0.1mA
IC= -1mA
IC= -10mA
IC= -150mA
IC= -500mA
IB= -15mA
IB= -50mA
IB= -15mA
IB= -50mA
VCE= -20V
f= 100MHz
MHz
VCB=-10V
IE=0
f= 100KHz
pF
VEB=-2V
IC=0
f= 100KHz
pF
VCE=-30V
IB1=-15mA
nS
VCE=-30V
IB1=-15mA
nS
VCE=-6V
nS
VCE=-6V
nS
Tape & Reel specification
Carrier width
Carrier length
Carrier depth
Sprocket hole
Reel outside diameter
Reel inner diameter
Feed hole width
Sprocke hole position
Punch hole position
Sprocke hole pitch
Embossment center
Overall tape thickness
Tape width
Reel width
Cibo
-30
IC=-150mA
IB1=-IB2=-15mA
-2.6
Base-Emitter saturation voltage
VBE(sat)
-1.6
Collector-Emitter saturation voltage
VCE(sat)
178 ± 1
d
D
80
C
30
1.50 ± 0.10
-
-
V
V
8.0
-0.4
-1.3
55 Min
tr
Item
Symbol
Dimension(mm)
A
B
Min
Max
-50
Type Number
IC= -10μA
IC= -10mA
IE= -10μA
VCB= -50V
-60
-60
VCE= -10V
-50
50
-
-
VCE= -10V
VCE= -30V
VBE(OFF)= -0.5V
VCE= -10V
VCE= -10V
100
300
-
-
-
-5
-20
100
100
Delay time
Rise time
IC=-150mA
200
fT
td
IC=-150mA
Output Capacitance
Intput Capacitance
Cobo
-
-10
-40
-
IC= -150mA
IC= -150mA
IC= -50mA
Transition frequency
IC= -500mA
IC= -500mA
W1
3.15 ±0.10
2.77 ±0.10
1.22 ±0.10
13.0 ± 0.20
1.75 ±0.10
3.50 ±0.05
4.00 ±0.10
P0
P1
Base Cut-off Current
T
D1
D2
E
F
DC current gain
-
-
-
V(BR)CBO
IB
ICBO
V(BR)CEO
V(BR)EBO
Symbol
-
hFE
Collector Cut-off Current
VCE= -30V
VBE(OFF)= -0.5V
12.30 ±0.20
Collector-Emitter Breakdown Voltage
2.00 ±0.05
Emitter-Base Breakdown Voltage
0.229 ±0.013
8.10 ±0.20
W
Collector Cut-off Current
ICEX
-
VCE= -10V
75
Fall time
tf
-
IC=-150mA
IB1=-IB2=-15mA
Storage time
ts
-
Top Cover Tape
Carieer Tape
Any Additional Label (If Required)
TSC label
W1
D1
D2
D
T
C
d
P1
P0
A
B
F
W
E
Direction of Feed
Version :
A10



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com