Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2N2222ADCSM Datasheet(PDF) 2 Page - Seme LAB

Part # 2N2222ADCSM
Description  DUAL HIGH SPEED, MEDIUM POWER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N2222ADCSM Datasheet(HTML) 2 Page - Seme LAB

  2N2222ADCSM_06 Datasheet HTML 1Page - Seme LAB 2N2222ADCSM_06 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2N2222ADCSM
DOC 7168 Issue 1
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td
Delay Time
tr
Rise Time
ts
Storage Time
tf
Fall Time
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IC = 10mA
IC = 10μA
IE = 10μAIC = 0
IB = 0
VCE = 60V
IE = 0
VCB = 60V
TC = 125°C
IC = 0
VEB = 3V (off)
VCE = 60V
VEB = 3V (off)
IC = 150mA
IB = 15mA
IC = 500mA
IB = 50mA
IC = 150mA
IB = 15mA
IC = 500mA
IC = 50mA
IC = 0.1mA
VCE = 10V
IC = 1mA
VCE = 10V
IC = 10mA
VCE = 10V
IC = 10mA
VCE = 10V
IC = 150mA
VCE = 10V
IC = 150mA
VCE = 1V
IC = 500mA
VCE = 10V
ELECTRICAL CHARACTERISTICS PER SIDE (T
C = 25°C unless otherwise stated)
VCEO(sus)* Collector – Emitter Sustaining Voltage
V(BR)CBO*
Collector – Base Breakdown Voltage
V(BR)EBO*
Emitter – Base Breakdown Voltage
ICEX*
Collector Cut-off Current (IC = 0)
ICBO*
Collector – Base Cut-off Current
IEBO*
Emitter Cut-off Current (IC = 0)
IBL*
Base Current
VCE(sat)*
Collector – Emitter Saturation Voltage
VBE(sat)*
Base – Emitter Saturation Voltage
hFE*
DC Current Gain
TA = –55°C
40
75
6
10
10
10
10
20
0.3
1
0.6
1.2
2
35
50
75
35
100
300
50
40
V
V
V
nA
nA
μA
nA
nA
V
V
—
fT
Transition Frequency
Cob
Output Capacitance
Cib
Input Capacitance
hfe
Small Signal Current Gain
IC = 20mA
VCE = 20V
f = 100MHz
VCB = 10V
IE = 0
f = 1.0MHz
VBE = 0.5V
IC = 0
f = 1.0MHz
IC = 1mA
VCE = 10V
f = 1kHz
IC = 10mA
VCE = 10V
f = 1kHz
300
8
30
50
300
75
375
MHz
pF
pF
10
25
225
60
ns
ns
ns
ns
VCC = 30V
VBE = 0.5V (off)
IC1 = 150mA
IB1 = 15mA
VCC = 30V
IC = 150mA
IB1 = IB2 = 15mA
fT is defined as the frequency at which hFE extrapolates to unity.
* Pulse test tp = 300μs , δ ≤ 2%
DYNAMIC CHARACTERISTICS PER SIDE (T
C = 25°C unless otherwise stated)
SWITCHING CHARACTERISTICS PER SIDE (RESISTIVE LOAD)
(TC = 25°C unless otherwise stated)
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com