Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SFAS803G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SFAS803G
Description  8.0AMPS Surface Mount Super Fast Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SFAS803G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SFAS803G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SFAS803G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CREAT BY ART
UL Recognized File #E-326854
Glass passivated junction chip
High efficiency, low VF
High current capability
High reliability
High surge current capability
Low power loss
Qualified as per AEC-Q101
SFAS80XG
= Specific Device Code
G
= Green Compound
Y
= Year
WW
= Work Week
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
SFAS
801G
SFAS
802G
SFAS
803G
SFAS
804G
SFAS
805G
SFAS
806G
SFAS
807G
SFAS
808G
Unit
VRRM
50
100
150
200
300
400
500
600
V
VRMS
35
70
105
140
210
280
350
420
V
VDC
50
100
150
200
300
400
500
600
V
Trr
nS
Cj
pF
RθjC
OC/W
TJ
OC
TSTG
OC
Peak Forward Surge Current, 8.3 ms Single Half Sine-
wave Superimposed on Rated Load (JEDEC method)
IFSM
125
A
400
Maximum Reverse Recovery Time (Note 1)
35
Maximum Reverse Current @ Rated VR TA=25 ℃
T A=100 ℃
IR
Case: D
2PAK Molded plastic
Epoxy: UL 94V-0 rate flame retardant
Maximum Repetitive Peak Reverse Voltage
Polarity: As marked
High temperature soldering:
260℃/10 seconds/.16",(4.06mm) from case
Terminals: Pure tin plated, lead free, solderable
per MIL-STD-202, Method 208 guaranteed
Maximum Average Forward Rectified Current
@TC=100℃
IF(AV)
8.0
Version:I11
- 65 to + 150
Typical Junction Capacitance (Note 2)
80
60
Note 2: Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.
10
1.7
Note 1: Reverse Recovery Test Conditions: I F=0.5A, IR=1.0A, IRR=0.25A
Operating Temperature Range
Storage Temperature Range
- 65 to + 150
uA
2.2
Maximum Instantaneous Forward Voltage
@ 8.0A
VF
0.95
1.3
SFAS801G - SFAS808G
8.0AMPS Surface Mount Super Fast Rectifiers
Marking Diagram
D
2PAK
Dimensions in inches and (millimeters)
For use in low voltage, high frequency inventor,
Free wheeling, and polarity protection application
Green compound with suffix "G" on packing
code & prefix "G" on datecode
Mechanical Data
Features
Weight: 1.33 grams
Typical Thermal Resistance
Type Number
A
V
Maximum RMS Voltage
Maximum DC Blocking Voltage
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE


Similar Part No. - SFAS803G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SFAS803G TSC-SFAS803G Datasheet
87Kb / 2P
8.0 AMPS. Glass Passivated Super Fast Rectifiers
SFAS803G TSC-SFAS803G Datasheet
167Kb / 2P
8.0 AMPS. Surface Mount Super Fast Rectifiers
SFAS803G TSC-SFAS803G Datasheet
662Kb / 2P
8.0 AMPS. Surface Mount Super Fast Rectifiers
SFAS803G TSC-SFAS803G Datasheet
385Kb / 4P
Surface Mount Super Fast Rectifiers
More results

Similar Description - SFAS803G

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SS5A EIC-SS5A Datasheet
41Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIERS
logo
Weitron Technology
ES2A WEITRON-ES2A Datasheet
45Kb / 2P
Surface Mount Super Fast Rectifiers
logo
Taiwan Semiconductor Co...
SRAS820 TSC-SRAS820_11 Datasheet
137Kb / 2P
8.0AMPS. Surface Mount Schottky Barrier Rectifiers
SF801G TSC-SF801G_11 Datasheet
196Kb / 2P
8.0AMPS. Glass Passivated Super Fast Rectifiers
UG8J TSC-UG8J Datasheet
203Kb / 2P
8.0AMPS. Glass Passivated Super Fast Rectifiers
SF801G TSC-SF801G_13 Datasheet
399Kb / 3P
8.0AMPS. Glass Passivated Super Fast Rectifiers
SFAF801G TSC-SFAF801G_13 Datasheet
419Kb / 3P
8.0AMPS. Isolated Glass Passivated Super Fast Rectifiers
SFAS801G TSC-SFAS801G_13 Datasheet
428Kb / 4P
8.0AMPS Surface Mount Super Fast Rectifiers
SRAS820 TSC-SRAS820_13 Datasheet
257Kb / 4P
8.0AMPS. Surface Mount Schottky Barrier Rectifiers
UG8J TSC-UG8J_13 Datasheet
417Kb / 3P
8.0AMPS. Ultra Fast Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com