Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2N2894CSM Datasheet(PDF) 2 Page - Seme LAB

Part # 2N2894CSM
Description  HIGH SPEED, MEDIUM POWER, PNP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N2894CSM Datasheet(HTML) 2 Page - Seme LAB

  2N2894CSM_03 Datasheet HTML 1Page - Seme LAB 2N2894CSM_03 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V
µA
nA
V
V
–—
MHz
pF
pF
ns
ns
– 12
– 12
– 4
– 10
– 80
–0.15
–0.20
– 0.50
–0.78
–0.98
–0.85
–1.2
–1.7
30
40
150
25
17
400
6
6
60
9
IC = 10µAIE = 0
IC = 10mA
IB = 0
IE = 10µAIC = 0
VCB = –6V
Tamb = 125°C
VBE = 0
VCE = –6V
IC = –10mA
IB = –1mA
IC = –30mA
IB = –3mA
IC = –100mA IB = –10mA
IC = –10mA
IB = –1mA
IC = –30mA
IB = –3mA
IC = –100mA IB = –10mA
IC = –10mA
VCE = –0.3V
IC = –30mA
VCE = –0.5V
IC = –100mA VCE = –1V
IC = –30mA
VCE = –0.5V
Tamb = 125°C
VCE = –10V
f = 100MHz
IC = –30mA
VEB = –5V
IC = 0
f = 1MHz
VCB = –5V
IC = 0
f = 1MHz
IC = –30mA
VCE = –2V
IB2 = –1.5mA
IC = –30mA
VCE = –2V
IB1 = IB2= –1.5mA
2N2894CSM
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise stated)
V(BR)CBO* Collector – Base Breakdown Voltage
V(BR)CEO
Collector – Emitter Breakdown Voltage
V(BR)EBO
Emitter – Base Breakdown Voltage
ICBO
Collector Cut-off Current
ICES
Collector Cut-off Current
VCE(sat)
Collector – Emitter Saturation Voltage
VBE(sat)
Base – Emitter On Voltage
hFE
DC Current Gain
fT
Current Gain Bandwidth Product
Cebo
Emitter – Base – Capacitance
Ccbo
Collector – Base – Capacitance
ton
Turn on Time
toff
Turn off Time
* Pulse Test: tp ≤ 300µs, δ≤ 2%.
Document Number 4080
Issue 1
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com