Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MS6258GU Datasheet(PDF) 13 Page - MOSA ELECTRONICS

Part # MS6258GU
Description  Gain and Attenuation Volume Controller IC 4 Sets of Stereo Input, Low voltage Gain and Attenuation 15~-79dB
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6258GU Datasheet(HTML) 13 Page - MOSA ELECTRONICS

Back Button MS6258GU Datasheet HTML 9Page - MOSA ELECTRONICS MS6258GU Datasheet HTML 10Page - MOSA ELECTRONICS MS6258GU Datasheet HTML 11Page - MOSA ELECTRONICS MS6258GU Datasheet HTML 12Page - MOSA ELECTRONICS MS6258GU Datasheet HTML 13Page - MOSA ELECTRONICS MS6258GU Datasheet HTML 14Page - MOSA ELECTRONICS MS6258GU Datasheet HTML 15Page - MOSA ELECTRONICS MS6258GU Datasheet HTML 16Page - MOSA ELECTRONICS MS6258GU Datasheet HTML 17Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
MOSA
MS6258
Gain And Attenuation Volume Controller IC
REV 6
13
www.mosanalog.com
EXTERNAL DIMENSIONS
SOP16
F H
D
A
A1
B
e
h x 45
C
Detail A
0.25mm
Detail A
L
θ
SSOP16
A
A2
A1
D
E1 E
Detail A
b
e
ZD
L1
H x 45
c
Detail A
L
θ2
θ1
R1
R
θ
Dimension in mm Dimension in inch
Symbol
Min
Max
Min
Max
A
1.35
1.75
0.053
0.069
A1
0.10
0.25
0.004
0.010
A2
1.50
0.059
b
0.20
0.30
0.008
0.012
c
0.18
0.25
0.007
0.010
e
0.635 BASIC
0.025 BASIC
D
4.80
5.00
0.189
0.197
E
5.79
6.20
0.228
0.244
E1
3.81
3.99
0.150
0.157
L
0.41
1.27
0.016
0.050
h
0.25
0.50
0.010
0.020
L1
0.254 BASIC
0.010 BASIC
ZD
0.229 REF
0.009 REF
R1
0.20
0.33
0.008
0.013
R
0.20
0.008
θ
0
o
8
o
0
o
8
o
θ1
0
o
0
o
θ2
5
o
15
o
5
o
15
o
Dimension in mm Dimension in inch
Symbol
Min
Max
Min
Max
A
1.35
1.75
0.0532
0.0688
A1
0.10
0.25
0.0040
0.0098
B
0.33
0.51
0.013
0.020
C
0.19
0.25
0.0075
0.0098
e
1.27 BSC
0.050 BSC
D
9.80
10.00
0.3859
0.3937
H
5.80
6.20
0.2284
0.2440
E
3.80
4.00
0.1497
0.1574
L
0.40
1.27
0.016
0.050
h
0.25
0.50
0.0099
0.0196
θ
0
o
8
o
0
o
8
o



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com