Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MS6258SSGU Datasheet(PDF) 17 Page - MOSA ELECTRONICS

Part # MS6258SSGU
Description  Gain and Attenuation Volume Controller IC 4 Sets of Stereo Input, Low voltage Gain and Attenuation 15~-79dB
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6258SSGU Datasheet(HTML) 17 Page - MOSA ELECTRONICS

Back Button MS6258SSGU Datasheet HTML 9Page - MOSA ELECTRONICS MS6258SSGU Datasheet HTML 10Page - MOSA ELECTRONICS MS6258SSGU Datasheet HTML 11Page - MOSA ELECTRONICS MS6258SSGU Datasheet HTML 12Page - MOSA ELECTRONICS MS6258SSGU Datasheet HTML 13Page - MOSA ELECTRONICS MS6258SSGU Datasheet HTML 14Page - MOSA ELECTRONICS MS6258SSGU Datasheet HTML 15Page - MOSA ELECTRONICS MS6258SSGU Datasheet HTML 16Page - MOSA ELECTRONICS MS6258SSGU Datasheet HTML 17Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
MOSA
MS6258
Gain And Attenuation Volume Controller IC
REV 6
17
www.mosanalog.com
Circuit
Y1
12M
RST
1
P3.0
2
P3.1
3
XTAL2
4
XTAL1
5
P3.2
6
P3.3
7
P3.4
8
P3.5
9
GND
10
Vcc
20
P1.7
19
P1.6
18
P1.5
17
P1.4
16
P1.3
15
P1.2
14
P1.1
13
P1.0
12
P3.7
11
U1
AT89CX51
1
2
J1
DVCC
R4
10K
S1
RST
IR_IN
+ C2
10u
C4
20P
C5
20P
DVCC
VS
3
IR
1
GND
2
J2
IR
R2
10K
R1
220
+ C3
470p
+
C1
47u
IR_IN
SDA
SCL
J4
AVDD
C9
10u
C11
10u
+
C12
10u
C8
10u
C10
10u
+ C7
0.1u
AVDD
W1
Jumper
J5
OUTPUT
J6
IN1
D1
LED
R3
1K
1
2
3
J3
LCD
RX
TX
RX
TX
A.O.
1
L-IN4
2
L-IN3
3
L-IN2
4
L-IN1
5
L-OUT
6
VSS
7
SDA
8
SCL
9
VDD
10
R-OUT
11
R-IN1
12
R-IN2
13
R-IN3
14
R-IN4
15
CAP
16
U3
MS6258
+ C6
10u
SCL
SDA
R8
10K
R7
10K
R6
10K
R5
10K
1
2
3
4
5
6
7
8
9
10
J7
INPUT
J8
OUTPUT
+ C13
0.1u
+ C14
10u
J9
A.O.
AVDD
C19
10u
C20
10u
J12
IN2
C17
10u
C18
10u
J11
IN3
C15
10u
J10
IN4
C16
10u
R14
10K
R13
10K
R12
10K
R11
10K
R10
10K
R9
10K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com