Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LR38580 Datasheet(PDF) 3 Page - Sharp Corporation

Part # LR38580
Description  Single-chip Driver IC for 270 k/320 k-pixel B/W CCDs with Dual-power-supply Operation
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LR38580 Datasheet(HTML) 3 Page - Sharp Corporation

  LR38580 Datasheet HTML 1Page - Sharp Corporation LR38580 Datasheet HTML 2Page - Sharp Corporation LR38580 Datasheet HTML 3Page - Sharp Corporation LR38580 Datasheet HTML 4Page - Sharp Corporation LR38580 Datasheet HTML 5Page - Sharp Corporation LR38580 Datasheet HTML 6Page - Sharp Corporation LR38580 Datasheet HTML 7Page - Sharp Corporation LR38580 Datasheet HTML 8Page - Sharp Corporation LR38580 Datasheet HTML 9Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
LR38580
3
PIN DESCRIPTION
PIN NO. SYMBOL
I/O
POLARITY
PIN NAME
DESCRIPTION
1
TST1
ICD
–
Test pin 1
A test pin. Set open or to L level in the normal mode.
2
EEST
ICU
–
Electronic exposure
control input 1
An input pin to control electronic exposure using EEUD
(pin 35) and EENR (pin 36).
L level
: Electronic exposure is stopped.
H level or open
: Electronic exposure is operated.
3
WIND
ON
N-ch
Open
Drain
Window pulse output
An output pin for window pulse.
WIND1 : When connected to EEST (pin 2), the
operation of electronic exposure can be
stopped at the upper side of monitor.
WIND2 : A pulse that picks out the center of CCD output.
At this time, set H level or open at EEST (pin 2).
As the output circuit of WIND is N-ch open
drain, connect to VDD with R (≥ 47 k$).
4
VRI
ICSU
–
Vertical reset input
An input pin for resetting internal vertical counter.
The input pulse is VSYNC (negative polarity).
5
TST2
ICD
–
Test pin 2
A test pin. Set open or to L level in the normal mode.
6
TST3
ICD
–
Test pin 3
A test pin. Set open or to L level in the normal mode.
7
GND
–
–
Ground
A grounding pin.
8VDD
–
–
Power supply
Supply of +5 V power.
9
CSYN
O
Composite
synchronizing pulse
output
An output pin of composite synchronous signal pulse.
10
CBLK
O
Composite blanking
pulse output
An output pin of composite blanking pulse.
11
OBCP
O
Optical black clamp
pulse output
A pulse to clamp the optical black signal. This pulse
stays low during the absence of effective pixels within
the vertical blanking.
12
HBLK
O
Horizontal blanking
pulse output
A pulse that corresponds to the cease period of the
horizontal transfer pulse.
FLMD EEMD
WIND
L
L
WIND1 (vertical pulse)
H
L
L
H
H
H
WIND2 (composite pulse)
()



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com