Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IP78M00ALCC4 Datasheet(PDF) 7 Page - Seme LAB

Part # IP78M00ALCC4
Description  POSITIVE FIXED VOLTAGE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IP78M00ALCC4 Datasheet(HTML) 7 Page - Seme LAB

  IP78M00ALCC4 Datasheet HTML 1Page - Seme LAB IP78M00ALCC4 Datasheet HTML 2Page - Seme LAB IP78M00ALCC4 Datasheet HTML 3Page - Seme LAB IP78M00ALCC4 Datasheet HTML 4Page - Seme LAB IP78M00ALCC4 Datasheet HTML 5Page - Seme LAB IP78M00ALCC4 Datasheet HTML 6Page - Seme LAB IP78M00ALCC4 Datasheet HTML 7Page - Seme LAB IP78M00ALCC4 Datasheet HTML 8Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
POSITIVE FIXED
VOLTAGE REGULATOR
IP140ME/MAE, IP78M00/ALCC4 SERIES
Semelab Limited
Semelab Limited
Semelab Limited
Semelab Limited
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Telephone +44 (0) 1455 556565
Fax +44 (0) 1455 552612
Email: sales@semelab-tt.com
Website: http://www.semelab-tt.com
Document Number 2832
Issue 2
Page 7 of 8
ELECTRICAL CHARACTERISTICS(1) (TC = 25°C unless otherwise stated)
IP78M15ALCC4, IP140MAE-15
Symbols
Parameters
Test Conditions
Min.
Typ
Max.
Units
IOUT = 100mA
VIN = 23V
14.85
15
15.15
VO
Output Voltage
P ≤ PMAX, 5mA ≤ IO ≤ 350mA,
VIN = 18V to 30V
●
14.55
15.45
V
17.5V ≤ VIN ≤ 30V
4
22
IO = 200mA
20V ≤ VIN ≤ 30V
●
4
22
∆
VO
Line Regulation (2)
IO = 500mA
20V ≤ VIN ≤ 26V
4
22
∆
VO
Load Regulation (2)
VIN = 23V
5mA ≤ IO ≤ 500mA ●
12
75
mV
IQ
Quiescent Current
VIN = 23V
IO = 350mA
●
4
6
VIN = 23V
5mA ≤ IO ≤ 500mA ●
0.1
0.5
∆
IQ
Quiescent Current Change
18V ≤ VIN ≤ 30V
IO = 200mA
●
0.2
0.8
mA
VN
Output Noise Voltage (3)
VIN = 23V
10Hz ≤ f ≤ 100KHz
90
600
µ
V
f = 120Hz
IO = 300mA
57
70
O
IN
V
V
∆
∆
Ripple Rejection
18.5V ≤ VIN≤ 28.5V
IO = 100mA
●
57
70
dB
VD
Drop Out Voltage
IO = 350mA
2
2.5
V
ISC
Short-Circuit Current
VIN = 35V
300
600
mA
IPK
Short-Circuit Current
VIN = 23V
0.7
1.0
1.4
A
Average TC of Vo (3)
IO = 5mA
1.5
6
mV/°C
Notes
Notes
Notes
Notes
The ● denotes the specifications which apply over the full operating temperature range.
(1)
All characteristics are measured with a capacitor across the input of 0.22µF and a capacitor across the output of 0.1µF. Although power
dissipation is internally limited, theses specifications are applicable to maximum power dissipation PMAX = 2W, IMAX = 0.5A, TJ = 25°C
(2)
Regulation is measured at constant junction temperature, using pulse testing at a low duty cycle. Changes in output voltage due to heating
effects must be taken into account separately.
(3)
By design, not a production test.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com