Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SML6609ASMD05 Datasheet(PDF) 2 Page - Seme LAB

Part # SML6609ASMD05
Description  P-CHANNEL POWER MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

SML6609ASMD05 Datasheet(HTML) 2 Page - Seme LAB

  SML6609ASMD05 Datasheet HTML 1Page - Seme LAB SML6609ASMD05 Datasheet HTML 2Page - Seme LAB SML6609ASMD05 Datasheet HTML 3Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
P-CHANNEL
POWER MOSFET
SML6609ASMD05
Semelab Limited
Semelab Limited
Semelab Limited
Semelab Limited
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Telephone +44 (0) 1455 556565
Fax +44 (0) 1455 552612
Email: sales@semelab-tt.com
Website: http://www.semelab-tt.com
Document Number 8678
Issue 2
Page 2 of 3
ELECTRICAL CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
Symbol
Parameters
Test Conditions
Min
Typ
Max
Units
BVDSS
Drain-Source Breakdown
Voltage
VGS = 0
ID = -250µA
-30
V
j
T
VDSS
B
∆
∆
Temperature Coefficient of
Breakdown Voltage
Reference
to 25°C
ID = -250µA
-0.022
V/°C
VGS = -10V
ID = -7A
0.04
Tj = 125°C
0.54
RDS(on)
1
Static Drain-Source
On-State Resistance
VGS = -7.5V
ID = -5.5A
0.06
Ω
VGS(th)
Gate Threshold Voltage
VDS = VGS
ID = -250µA
-2.5
-4.5
V
j
T
th
GS
V
∆
∆
)
(
Temperature Coefficient of
Gate Threshold Voltage
Reference
to 25°C
ID = -250µA
-0.004
V/°C
gfs
1
Forward Transconductance
VDS = -10V
I D = -7A
14.5
S(Ʊ)
IDSS
Drain-Source Leakage Current
VGS = 0
VDS = -24V
-3.0
µA
IGSS
Forward Gate-Source Leakage
VGS = -20V
-100
IGSS
Reverse Gate-Source Leakage
VGS = 20V
100
nA
ID(on)
On-State Drain Current
VGS = -10V
VDS = -5V
-20
A
DYNAMIC CHARACTERISTICS
Ciss
Input Capacitance
1975
Coss
Output Capacitance
315
Crss
Reverse Transfer Capacitance
VGS = 0
VDS = -25V
f = 1.0MHz
160
pF
Qg
Total Gate Charge
46
Qgs
Gate-Source Charge
19
Qgd
Gate-Drain Charge
VGS = -10V
ID = -7.2A
VDS = -15V
11
nC
td(on)
Turn-On Delay Time
20
tr
Rise Time
28
td(off)
Turn-Off Delay Time
39
tf
Fall Time
VDD = -15V
ID = -1.0A
RG = 6Ω
VGS = -10V
27
ns
SOURCE – DRAIN DIODE CHARACTERISTICS
IS
Continuous Source Current
-2.1
A
VSD
1
Diode Forward Voltage
IS = -2.1A
VGS = 0
-1.2
V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com