Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATSAM3S2BA-MU Datasheet(PDF) 62 Page - ATMEL Corporation

Part # ATSAM3S2BA-MU
Description  ARM-based Flash MCU
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3S2BA-MU Datasheet(HTML) 62 Page - ATMEL Corporation

Back Button ATSAM3S2BA-MU Datasheet HTML 56Page - ATMEL Corporation ATSAM3S2BA-MU Datasheet HTML 57Page - ATMEL Corporation ATSAM3S2BA-MU Datasheet HTML 58Page - ATMEL Corporation ATSAM3S2BA-MU Datasheet HTML 59Page - ATMEL Corporation ATSAM3S2BA-MU Datasheet HTML 60Page - ATMEL Corporation ATSAM3S2BA-MU Datasheet HTML 61Page - ATMEL Corporation ATSAM3S2BA-MU Datasheet HTML 62Page - ATMEL Corporation ATSAM3S2BA-MU Datasheet HTML 63Page - ATMEL Corporation ATSAM3S2BA-MU Datasheet HTML 64Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 62 / 64 page
background image
62
6500CS–ATARM–24-Jan-11
SAM3S Summary
Revision History
Doc. Rev
Comments
Change
Request Ref.
6500CS
Missing PGMD8 to 15 added to Table 4-1, “100-lead LQFP SAM3S4/2/1C Pinout” and Table 4-2,
“100-ball LFBGA SAM3S4/2/1C Pinout”.
Section 5.7 “Fast Startup” updated.
Typo fixed on back page: ‘techincal’ --> ‘technical’.
Typos fixed in Section 1. “SAM3S Description”.
Missing title added to Table 14-1.
PLLA input frequency range updated in Section 10.5 “Clock Generator”.
A sentence completed in Section 5.5.2 “Wait Mode”.
Last sentence removed from Section 9.1.3.10 “SAM-BA® Boot”.
‘three GPNVM bits’ replaced by ‘two GPNVM bits’ in Section 9.1.3.11 “GPNVM Bits”.
Leftover sentence removed from Section 4.1 “SAM3S4/2/1C Package and Pinout”.
rfo
7536
7524
7494
7492
7428
7394
6500BS
“Packages” on page 1, package size or pitch updated.
Table 1-1, “Configuration Summary”, ADC column updated, footnote gives precision on reserved
channel.
Table 4-2, “100-ball LFBGA SAM3S4/2/1C Pinout”, pinout information is available.
Figure 5-1, "Single Supply",Figure 5-2, "Core Externally Supplied" , updated notes below figures.
Figure 5-2, "Core Externally Supplied", Figure 5-3, "Backup Battery", ADC, DAC, Analog Comparator
supply is 2.0V-3.6V.
Section 12.13 “Analog Comparator”, “Peripherals” on page 1, reference to “window function”
removed.
Section 9.1.3.8 “Unique Identifier”, Each device integrates its own 128-bit unique identifier.
7214
6981
7201
7243/rfo
7103
7307
6500AS
First issue



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com