Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LD39100PU15R Datasheet(PDF) 5 Page - STMicroelectronics

Part # LD39100PU15R
Description  1 A, low quiescent current, low noise voltage regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39100PU15R Datasheet(HTML) 5 Page - STMicroelectronics

  LD39100PU15R Datasheet HTML 1Page - STMicroelectronics LD39100PU15R Datasheet HTML 2Page - STMicroelectronics LD39100PU15R Datasheet HTML 3Page - STMicroelectronics LD39100PU15R Datasheet HTML 4Page - STMicroelectronics LD39100PU15R Datasheet HTML 5Page - STMicroelectronics LD39100PU15R Datasheet HTML 6Page - STMicroelectronics LD39100PU15R Datasheet HTML 7Page - STMicroelectronics LD39100PU15R Datasheet HTML 8Page - STMicroelectronics LD39100PU15R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LD39100XX, LD39100XX12, LD39100XX25
Maximum ratings
Doc ID 15676 Rev 2
5/24
3
Maximum ratings
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur.
Functional operation under these conditions is not implied. All values are referred to GND.
Table 3.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VIN
DC input voltage
-0.3 to 7
V
VOUT
DC output voltage
-0.3 to VIN + 0.3 (7 V max)
V
EN
Enable pin
-0.3 to VIN + 0.3 (7 V max)
V
PG
Power Good pin
-0.3 to 7
V
ADJ
Adjust pin
4
V
IOUT
Output current
Internally limited
PD
Power dissipation
Internally limited
TSTG
Storage temperature range
- 65 to 150
°C
TOP
Operating junction temperature range
- 40 to 125
°C
Table 4.
Thermal data
Symbol
Parameter
Value
Unit
RthJA
Thermal resistance junction-ambient
55
°C/W
RthJC
Thermal resistance junction-case
10
°C/W
Table 5.
ESD performance
Symbol
Parameter
Test conditions
Value
Unit
ESD
ESD protection voltage
HBM
4
kV
MM
0.4
kV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com