Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STP1612PW05 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STP1612PW05
Description  16-channel LED driver with 16-bit PWM, 8-bit gain and full LED error detection
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP1612PW05 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STP1612PW05 Datasheet HTML 15Page - STMicroelectronics STP1612PW05 Datasheet HTML 16Page - STMicroelectronics STP1612PW05 Datasheet HTML 17Page - STMicroelectronics STP1612PW05 Datasheet HTML 18Page - STMicroelectronics STP1612PW05 Datasheet HTML 19Page - STMicroelectronics STP1612PW05 Datasheet HTML 20Page - STMicroelectronics STP1612PW05 Datasheet HTML 21Page - STMicroelectronics STP1612PW05 Datasheet HTML 22Page - STMicroelectronics STP1612PW05 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
STP1612PW05
Setting the PWM gray scale counter
Doc ID 15819 Rev 4
19/35
9.2
Synchronization for PWM counting
The data synchronization between the incoming data flow and the output channels is
managed through the bit A within the configuration register.
If the bit A is set to “0” the device performs itself the data synchronization: when all the new
data are loaded with a “global latch”, the device wait until all the PWM counter completes
the counting cycle before updating them with the new data, at the next CLK rising edge.
Conversely, if bit A is set to “1” (default), the data synchronization is not performed by the
device and is managed by the microcontroller, which has to take care of the data and
signals. If this is not done, there might be artefacts on the output image.
Figure 9.
Synchronization for PWM counting
Figure 10.
Without synchronization for PWM counting
CLK
PWCLK
CLK
PWCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com