| Electronic Components Datasheet Search |
|
LPC178X Datasheet(PDF) 13 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC178X Datasheet(HTML) 13 Page - NXP Semiconductors |
|
13 / 117 page ![]() LPC178X_7X All information provided in this document is subject to legal disclaimers. © NXP B.V. 2011. All rights reserved. Objective data sheet Rev. 2 — 27 May 2011 13 of 117 NXP Semiconductors LPC178x/7x 32-bit ARM Cortex-M3 microcontroller P0[11] 100 R14 P12 70 [3] I; PU I/O P0[11] — General purpose digital input/output pin. I U2_RXD — Receiver input for UART2. I/O I2C2_SCL — I2C2 clock input/output (this pin does not use a specialized I2C pad). O T3_MAT1 — Match output for Timer 3, channel 1. - R — Function reserved. - R — Function reserved. - R — Function reserved. O LCD_VD[10] — LCD data. P0[12] 41 R1 J4 29 [5] I; PU I/O P0[12] — General purpose digital input/output pin. O USB_PPWR2 — Port Power enable signal for USB port 2. I/O SSP1_MISO — Master In Slave Out for SSP1. I ADC0_IN[6] — A/D converter 0, input 6. When configured as an ADC input, the digital function of the pin must be disabled. P0[13] 45 R2 J5 32 [5] I; PU I/O P0[13] — General purpose digital input/output pin. O USB_UP_LED2 — USB port 2 GoodLink LED indicator. It is LOW when device is configured (non-control endpoints enabled). It is HIGH when the device is not configured or during global suspend. I/O SSP1_MOSI — Master Out Slave In for SSP1. I ADC0_IN[7] — A/D converter 0, input 7. When configured as an ADC input, the digital function of the pin must be disabled. P0[14] 69 T7 M5 48 [3] I; PU I/O P0[14] — General purpose digital input/output pin. O USB_HSTEN2 — Host Enabled status for USB port 2. I/O SSP1_SSEL — Slave Select for SSP1. O USB_CONNECT2 — SoftConnect control for USB port 2. Signal used to switch an external 1.5 k resistor under software control. Used with the SoftConnect USB feature. P0[15] 128 J16 H13 89 [3] I; PU I/O P0[15] — General purpose digital input/output pin. O U1_TXD — Transmitter output for UART1. I/O SSP0_SCK — Serial clock for SSP0. P0[16] 130 J14 H14 90 [3] I; PU I/O P0 [16] — General purpose digital input/output pin. I U1_RXD — Receiver input for UART1. I/O SSP0_SSEL — Slave Select for SSP0. P0[17] 126 K17 J12 87 [3] I; PU I/O P0[17] — General purpose digital input/output pin. I U1_CTS — Clear to Send input for UART1. I/O SSP0_MISO — Master In Slave Out for SSP0. Table 3. Pin description …continued Not all functions are available on all parts. See Table 2 (Ethernet, USB, LCD, QEI, SD/MMC, DAC pins) and Table 7 (EMC pins). Symbol Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |