Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPC1759 Datasheet(PDF) 45 Page - NXP Semiconductors

Part # LPC1759
Description  32-bit ARM Cortex-M3 MCU; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1759 Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button LPC1759_11 Datasheet HTML 41Page - NXP Semiconductors LPC1759_11 Datasheet HTML 42Page - NXP Semiconductors LPC1759_11 Datasheet HTML 43Page - NXP Semiconductors LPC1759_11 Datasheet HTML 44Page - NXP Semiconductors LPC1759_11 Datasheet HTML 45Page - NXP Semiconductors LPC1759_11 Datasheet HTML 46Page - NXP Semiconductors LPC1759_11 Datasheet HTML 47Page - NXP Semiconductors LPC1759_11 Datasheet HTML 48Page - NXP Semiconductors LPC1759_11 Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 74 page
background image
LPC1759_58_56_54_52_51
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 7 — 29 March 2011
45 of 74
NXP Semiconductors
LPC1759/58/56/54/52/51
32-bit ARM Cortex-M3 microcontroller
10.2 Peripheral power consumption
The supply current per peripheral is measured as the difference in supply current between
the peripheral block enabled and the peripheral block disabled in the PCONP register. All
other blocks are disabled and no code is executed. Measured on a typical sample at
Tamb =25 C. The peripheral clock PCLK = CCLK/4.
[1]
The combined current of several peripherals running at the same time can be less than the sum of each individual peripheral current
measured separately.
Table 7.
Power consumption for individual analog and digital blocks
Peripheral
Conditions
Typical supply current in mA;
CCLK =
Notes
12 MHz
48 MHz
100 MHz
Timer
0.03
0.11
0.23
Average current per timer
UART
0.07
0.26
0.53
Average current per UART
PWM
0.05
0.20
0.41
Motor control
PWM
0.05
0.21
0.42
I2C
0.02
0.08
0.16
Average current per I2C
SPI
0.02
0.06
0.13
SSP1
0.04
0.16
0.32
ADC
PCLK = 12 MHz for CCLK = 12 MHz
and 48 MHz; PCLK = 12.5 MHz for
CCLK = 100 MHz
2.12
2.09
2.07
CAN
PCLK = CCLK/6
0.13
0.49
1.00
Average current per CAN
CAN0, CAN1,
acceptance filter
PCLK = CCLK/6
0.22
0.85
1.73
Both CAN blocks and
acceptance filter[1]
DMA
PCLK = CCLK
1.33
5.10
10.36
QEI
0.05
0.20
0.41
GPIO
0.33
1.27
2.58
I2S
0.09
0.34
0.70
USB and PLL1
0.94
1.32
1.94
Ethernet
Ethernet block enabled in the PCONP
register; Ethernet not connected.
0.49
1.87
3.79
Ethernet
connected
Ethernet initialized, connected to
network, and running web server
example.
-
-
5.19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com