Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC110L Datasheet(PDF) 1 Page - Sharp Corporation

Part # PC110L
Description  Long Creepage Distance Type Photocoupler
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC110L Datasheet(HTML) 1 Page - Sharp Corporation

  PC110L Datasheet HTML 1Page - Sharp Corporation PC110L Datasheet HTML 2Page - Sharp Corporation PC110L Datasheet HTML 3Page - Sharp Corporation PC110L Datasheet HTML 4Page - Sharp Corporation PC110L Datasheet HTML 5Page - Sharp Corporation PC110L Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PC110L/PC111L
PC112L/PC113L
PC110L/PC111L/PC112L/PC113L
s Outline Dimensions
( Unit : mm )
Long Creepage
Distance Type Photocoupler
s Features
s Applications
1. Long creepage distance type ( Creepage
2. Internal insulation distance : 0.5mm or
more
5. High isolation voltage between input and
6. Dual-in-line package
*1 Allows pin-to-pin distance minus PWB land
space to be 8mm or more.
1. Switching power supplies
2. Home appliances and OA equipment for
connection
diagram
PC110
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device.”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
1 Anode
2 Cathode
3 NC
6 Base
5 Collector
4 Emitter
g PC111, PC113 have no base terminals.
( 6 : NC )
654
3
2
1
3. Recognized by UL(No. E64380)
( VCEO : 70V) : PC112L/PC113L
distance : 8mm or more ) *1
export to Europe
6
5
4
12
3
3. System appliances, measuring instruments
Approved by VDE ( DIN-VDE0884
No. 77292 )
( PC110L :
:
No. 8705118
PC111L : No. 8705119
PC112L : No. 8705120
PC113L : No. 8705121
Approved by BSI ( BS415 : 6690, BS7002 : 7421 )
4. High collector-emitter voltage
Approved by DEMKO ( No. 37150 )
Approved by SEMKO
)
g DIN-VDE0884 approved type is also available as an option.
Anode mark (Sunken place )
output ( Viso : 5 000V rms )
g Lead forming type (I type ) and taping reel type (P type ) are also available. (PC110LI / PC111LI / PC112LI / PC113LI , PC110LP0 / PC111LP0 / PC112LP0 / PC113LP0 )
g Internal
1.2 ± 0.3
7.62 ± 0.3
9.22 ± 0.5
0.26 ± 0.1
10.16 ± 0.5
0.5 ± 0.1


Similar Part No. - PC110L

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
PC110LT MULTICOMP-PC110LT Datasheet
349Kb / 1P
PCB Terminals
26/08/20 V1.0
More results

Similar Description - PC110L

ManufacturerPart #DatasheetDescription
logo
NEC
PS2581L1 NEC-PS2581L1 Datasheet
108Kb / 12P
LONG CREEPAGE TYPE HIGH ISOLATION VOLTAGE 4-PIN PHOTOCOUPLER
logo
Sharp Corporation
PC123 SHARP-PC123 Datasheet
79Kb / 4P
European Safety Standard Approved Type Long Creepage Distance Photocoupler
PC12310NSZ SHARP-PC12310NSZ Datasheet
61Kb / 5P
Low Input Current Type Long Creepage Distance Photocoupler
PC512 SHARP-PC512 Datasheet
57Kb / 4P
European Safety Standard Approved Long Creepage Distance Type Photocoupler
PC905 SHARP-PC905 Datasheet
84Kb / 6P
Long Creepage Distance Photocoupler with Built-in Voltage Detection Circuit
PC121 SHARP-PC121 Datasheet
387Kb / 6P
LONG CREEPAGE DISTANCE TYPE PHOTOCOUPLER
PC511 SHARP-PC511 Datasheet
257Kb / 4P
Long Creepage Dlstance Type Photocoupler
logo
California Eastern Labs
PS2581L1 CEL-PS2581L1 Datasheet
398Kb / 11P
LONG CREEPAGE TYPE HIGH ISOLATION VOLTAGE 4-PIN PHOTOCOUPLER
PS2581-1 CEL-PS2581-1 Datasheet
270Kb / 14P
LONG CREEPAGE TYPE HIGH ISOLATION VOLTAGE 4-PIN PHOTOCOUPLER
logo
Renesas Technology Corp
PS2581L1 RENESAS-PS2581L1_15 Datasheet
247Kb / 15P
LONG CREEPAGE TYPE HIGH ISOLATION VOLTAGE 4-PIN PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com