Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S5ML Datasheet(PDF) 2 Page - Micro Commercial Components

Part # S5ML
Description  5 Amp Silicon Rectifier 50 to 1000 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

S5ML Datasheet(HTML) 2 Page - Micro Commercial Components

  S5ML Datasheet HTML 1Page - Micro Commercial Components S5ML Datasheet HTML 2Page - Micro Commercial Components S5ML Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Average Forward Rectified Current - Amperes versus
Lead Temperature -
°C
Figure 2
Forward Derating Curve
40
60
100
120
140
160
0
1
2
3
Single Phase, Half Wave
60Hz Resistive or Inductive Load
Amps
°C
80
4
5
6
Figure 3
Junction Capacitance
.1
.2
1
.4
2
10
20
40
4
100
200
1
2
6
10
20
100
Junction Capacitance - pF versus
Reverse Voltage - Volts
pF
Volts
60
40
4
400
1000
TJ=25
°C
Figure 1
Typical Forward Characteristics
Instantaneous Forward Current - Amperes versus
Instantaneous Forward Voltage - Volts
Volts
4
6
20
10
Amps
.5
1.5
.7
.9
1.1
1.3
.01
.02
.04
.06
.1
.2
.4
.6
1
2
25
°C
40
60
100
1.7
S5AL thru S5ML
MCC
Revision: A
2011/03/04
TM
Micro Commercial Components
www.mccsemi.com
2 of
3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com