Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC703V Datasheet(PDF) 4 Page - Sharp Corporation

Part # PC703V
Description  High Collector-emitter Voltage Type Photocoupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC703V Datasheet(HTML) 4 Page - Sharp Corporation

  PC703V Datasheet HTML 1Page - Sharp Corporation PC703V Datasheet HTML 2Page - Sharp Corporation PC703V Datasheet HTML 3Page - Sharp Corporation PC703V Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PC703V
-30
20
0
40
60
10 -12
80
100
10 -11
10 -10
10 -9
10 -8
10 -7
10 -6
10 -13
Fig. 9 Collector Dark Current vs.
Ambient Temperature
Fig.11 Frequency Response
Frequency f ( kHz )
0
1
2
5
10
500
200
100
50
20
RL =1K Ω
100
Ω
10
Ω
Ambient temperature T a (˚C)
Forward current I F ( mA )
0
0
1
2
3
4
5
2.5
5.0
7.5
10.0
12.5
1mA
2mA
3mA
5mA
6
I C = 0.5mA
T a = 25˚C
Fig.12 Collector-emitter Saturation
Voltage vs. Forward Current
R BE =
L ( k Ω )
100
50
20
10
5
2
1
0.5
0.1
0.2
0.01
0.1
1
10
t r
t f
t d
t s
V CE =2V
IC = 2mA
T a = 25˚C
R BE =
Test Circuit for Response Time
90%
10%
Output
Input
RL
Input
Output
VCC
RD
td
ts
tr
t
Test Circuit for Frequency Response
VCC
RL
Output
RD
V CE =5V
IC = 2mA
R BE =
T a = 25˚C
Please refer to the chapter
V CE
R BE =
= 20V
f
1 000
“ Precautions for Use ” .
-10
-8
-6
-4
-2
Fig.10 Response Time vs. Load Resistance
Load resistance R
q



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com