Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC723V Datasheet(PDF) 3 Page - Sharp Corporation

Part # PC723V
Description  High Collector-emitter Voltage Type Photocoupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC723V Datasheet(HTML) 3 Page - Sharp Corporation

  PC723V Datasheet HTML 1Page - Sharp Corporation PC723V Datasheet HTML 2Page - Sharp Corporation PC723V Datasheet HTML 3Page - Sharp Corporation PC723V Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PC723V
0
200
1
40
80
120
160
2
5
10
20
50
180
140
100
60
20
100k
Ω
500k
Ω
Forward current I F ( mA )
0
0
2
123456789
10
4
6
8
10
12
14
20mA
10mA
5mA
3mA
Fig. 6 Collector Current vs.
Collector-emitter Voltage
100
0
50
150
0
255075
100
Fig. 7 Relative Current Transfer Ratio vs.
Ambient Temperature
0
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
- 25
0
25
50
75
100
10 -11
10 -10
10 -9
10 -8
10 -7
10 -6
10 -5
-25
25
0
50
75
100
5
5
5
5
5
Fig. 9 Collector Dark Current vs.
Ambient Temperature
Fig. 5 Current Transfer Ratio vs.
Forward Current
Collector-emitter voltage V CE (V)
Fig. 8 Collector-emitter Saturation Voltage
vs. Ambient Temperature
Ambient temperature T a (˚C)
Ambient temperature T a (˚C)
Ambient temperature T a (˚C)
L ( k Ω )
100
50
20
10
5
2
1
0.5
0.2
0.1 0.2
2
10
0.5
1
5
20
-25
5
Ta = 25˚C
VCE =5V
RBE =
Ta = 25˚C
RBE =
IF = 30mA
RBE =
VCE =5V
IF = 5mA
RBE =
IC = 1mA
IF = 20mA
RBE =
VCE = 40V
Ta = 25˚C
RBE =
IC = 2mA
VCE =2V
t r
t f
t f
t r
t d
t s
Fig.10 Response Time vs. Load Resistance
Load resistance R



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com