Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC851 Datasheet(PDF) 1 Page - Sharp Corporation

Part # PC851
Description  High Collector-emitter Voltage Type Photocoupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC851 Datasheet(HTML) 1 Page - Sharp Corporation

  PC851 Datasheet HTML 1Page - Sharp Corporation PC851 Datasheet HTML 2Page - Sharp Corporation PC851 Datasheet HTML 3Page - Sharp Corporation PC851 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PC851
s Features
PC851
s Applications
*3 For 10 seconds
1. High collector-emitter voltage
( VCEO : 300V)
2. High isolation voltage between input and
output ( Viso
3. Compact dual-in-line package
Parameter
Symbol
Rating
Unit
Input
Forward current
IF
50
mA
*1Peak forward current
I FM
1A
Reverse voltage
V R
6V
P70
mW
Output
Collector-emitter voltage
V CEO
300
V
Emitter-collector voltage
V ECO
6V
Collector current
IC
50
mA
Collector power dissipation
P C
150
mW
P tot
200
mW
*2Isolation voltage
V iso
Operating temperature
T opr
- 25 to + 100
˚C
Storage temperature
T stg
- 55 to + 125
˚C
*3Soldering temperature
T sol
260
˚C
( Unit : mm)
s Outline Dimensions
( Ta = 25˚C)
s Absolute Maximum Ratings
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device.”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
4. Recognized by UL, file No. E64380
Internal connection
diagram
1
2
12
θ
θ
1 Anode
2 Cathode
3 Emitter
4 Collector
High Collector-emitter Voltage
Type Photocoupler
circuit for telephone
2. Interface to various power supply circuits,
power patch boards
3. Copiers, facsimiles
4. Output section for numerical control machines
5. Controller for SSRs, DC motors
*1 Pulse width <=100
µs, Duty ratio : 0.001
5 000
*2 40 to 60% RH, AC for 1 minute
g Lead forming type ( I type ) and taping reel type ( P type ) are also available. ( PC851I/PC851P )
4
3
3
4
: 5 000V rms )
Power dissipation
Total power dissipation
V rms
θ = 0 to 13 ˚
2.54 ± 0.25
0.9 ± 0.2
1.2 ± 0.3
4.58 ± 0.5
0.5 ± 0.1
7.62 ± 0.3
0.26 ± 0.1
1. ON-OFF switching for transmission/reception


Similar Part No. - PC851

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC851X SHARP-PC851X Datasheet
215Kb / 14P
DIP 4pin High Collector-emitter Voltage Photocoupler
PC851XNNIP0F SHARP-PC851XNNIP0F Datasheet
578Kb / 17P
PC851XNxiP0F Series Photocoupler
More results

Similar Description - PC851

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC702V SHARP-PC702V Datasheet
67Kb / 4P
High Collector-emitter Voltage Type Photocoupler
PC703V SHARP-PC703V Datasheet
67Kb / 4P
High Collector-emitter Voltage Type Photocoupler
PC723V SHARP-PC723V Datasheet
66Kb / 4P
High Collector-emitter Voltage Type Photocoupler
PC725V SHARP-PC725V Datasheet
68Kb / 4P
High Sensitivity, High Collector-emitter Voltage Type Photocoupler
PC861 SHARP-PC861 Datasheet
89Kb / 4P
High Collector-emitter Voltage, High Density Mounting Type Photocoupler
PC723V0YSZX SHARP-PC723V0YSZX Datasheet
65Kb / 5P
High Collector-emitter Voltage Type Photocoupler
logo
Shenzhen Tenand Technol...
LTV-702F TENAND-LTV-702F Datasheet
738Kb / 4P
High Collector-Emitter Voltage Type Photocoupler
LTV-703V TENAND-LTV-703V Datasheet
798Kb / 4P
High Collector-Emitter Voltage Type Photocoupler
logo
Sharp Corporation
PC702V0YSZX SHARP-PC702V0YSZX Datasheet
69Kb / 5P
High Collector-emitter Voltage Type Photocoupler
PC725V0NSZX SHARP-PC725V0NSZX Datasheet
158Kb / 15P
High Sensitivity and High Collector-emitter Voltage Type Photocoupler
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com