Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC865 Datasheet(PDF) 2 Page - Sharp Corporation

Part # PC865
Description  High Sensitivity, Low Collector Dark Voltage Type Photocoupler Current, High Collector-emitter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC865 Datasheet(HTML) 2 Page - Sharp Corporation

  PC865 Datasheet HTML 1Page - Sharp Corporation PC865 Datasheet HTML 2Page - Sharp Corporation PC865 Datasheet HTML 3Page - Sharp Corporation PC865 Datasheet HTML 4Page - Sharp Corporation PC865 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PC865 Series
Parameter
Symbol
Rating
Unit
Input
Forward current
IF
50
mA
I FM
1A
Reverse voltage
V R
6V
Power dissipation
P
70
mW
Output
Collector-emitter voltage
V CEO
70
V
Emitter-collector voltage
V ECO
0.1
V
Collector current
IC
80
mA
Collector power dissipation
P C
150
mW
Total power dissipation
P tot
200
mW
V iso
Operating temperature
T opr
- 30 to + 100
˚C
Storage temperature
T stg
- 55 to + 125
˚C
T sol
260
˚C
*1 Pulse width <= 100
µ s, Duty ratio : 0.001
*3 For 10 seconds
*1Peak forward current
*3Soldering temperature
*2Isolation voltage
(Ta = 25 ˚C)
s Absolute Maximum Ratings
(Ta = 25 ˚C)
s Electro-optical Characteristics
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input
Forward voltage
V F
IF = 20mA
-
1.2
1.4
V
Reverse current
IR
V R =4V
-
-
10
µ A
Terminal capacitance
Ct
V= 0, f = 1kHz
-
30
250
pF
Output
Collector dark current
ICEO
V CE = 24V
IF =0
Ta = 25 ˚C
--
2x 10 -7
A
Ta = 85 ˚C
--
10 -5
A
Transfer
teristics
charac-
Current transfer ratio
CTR
IF = 1mA, V CE =2V
-
%
Collector-emitter saturation voltage
V CE(sat)
IF = 20mA, I C = 5mA
-
0.8
1.0
V
Isolation resistance
R iso
5x 1010
1011
-
Floating capacitance
Cf
V= 0, f = 1MHz
-
0.6
1.0
pF
Cut-off frequency
fC
VCE = 2V, I CL = 100
Ω, - 3dB
1
6
-
kHz
Response time
Rise time
t r
V CE = 2V, I C = 10mA
RL = 100
-
100
300
µ s
-
35
200
µ s
Fall time
tf
5 000
1 000
8 000
V rms
*2 40 to 60 % RH, AC for 1 minute
DC500V, 40 to 60 % RH
= 2mA, R



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com