Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST1S09 Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST1S09
Description  2 A, 1.5 MHz PWM step-down switching regulator with synchronous rectification
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S09 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST1S09_10 Datasheet HTML 2Page - STMicroelectronics ST1S09_10 Datasheet HTML 3Page - STMicroelectronics ST1S09_10 Datasheet HTML 4Page - STMicroelectronics ST1S09_10 Datasheet HTML 5Page - STMicroelectronics ST1S09_10 Datasheet HTML 6Page - STMicroelectronics ST1S09_10 Datasheet HTML 7Page - STMicroelectronics ST1S09_10 Datasheet HTML 8Page - STMicroelectronics ST1S09_10 Datasheet HTML 9Page - STMicroelectronics ST1S09_10 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Electrical characteristics
ST1S09
6/18
Doc ID 13632 Rev 4
4
Electrical characteristics
Refer to Figure 21 application circuit VIN_SW = VIN_A = 5 V, VO = 1.2 V, C1 = 4.7 µF,
C2 = 22 µF, L1 = 2.7 µH, TJ = -30 to 125 °C (unless otherwise specified. Typical values are
referred to 25 °C)
Table 6.
Electrical characteristics for ST1S09PU
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
FB
Feedback voltage
784
800
816
mV
IFB
VFB pin bias current
600
nA
VI
Input voltage
IO = 10 mA to 2 A
4.5
5.5
V
UVLO
Under voltage lock out
threshold
VI Rising
3.5
3.7
3.9
V
Hysteresis
150
mV
OVP
Over voltage protection
threshold
VO rising
1.05 VO 1.1 VO
V
Over voltage protection
hysteresis
VO falling
5
%
IOVP
Overvoltage clamping current
VO = 1.2 V
300
mA
IQ
Quiescent current
Not switching
1.5
2.5
mA
IO
Output current
VI = 4.5 to 5.5 V
(1)
2A
%VO/ΔVI
Output line regulation
VI = 4.5 V to 5.5 V, IO = 100 mA
(1)
0.16
%VO/
ΔVI
%VO/ΔIO
Output load regulation
IO = 10 mA to 2 A
(1)
0.2
0.6
%
PWMfS
PWM switching frequency
VFB = 0.65 V
1.2
1.5
1.8
MHz
DMAX
Maximum duty cycle
80
87
%
PG
Power good output threshold
0.92 VO
V
Power good output voltage low
ISINK = 6 mA open drain output
0.4
V
RDSON-N NMOS switch on resistance
ISW = 750 mA
0.1
Ω
RDSON-P PMOS switch on resistance
ISW = 750 mA
0.1
Ω
ISWL
Switching current limitation
(1)
2.5
2.9
3.5
A
ν
Efficiency (1)
IO = 10 mA to 100 mA, VO = 3.3 V
65
%
IO = 100 mA to 2 A, VO = 3.3 V
82
87
TSHDN
Thermal shutdown
150
°C
THYS
Thermal shutdown hysteresis
20
°C
%VO/ΔIO
Load transient response
IO = 100 mA to 1 A, TA = 25 °C
tR = tF ≥ 200 ns
(1)
-10
+10
%VO
%VO/ΔIO
Short circuit removal response
IO = 10 mA to IO = short,
TA = 25 °C
(1)
-10
+10
%VO
1.
Guaranteed by design, but not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com