Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC910X Datasheet(PDF) 5 Page - Sharp Corporation

Part # PC910X
Description  Ultra-high Speed Response OPIC Photocoupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC910X Datasheet(HTML) 5 Page - Sharp Corporation

  PC910X Datasheet HTML 1Page - Sharp Corporation PC910X Datasheet HTML 2Page - Sharp Corporation PC910X Datasheet HTML 3Page - Sharp Corporation PC910X Datasheet HTML 4Page - Sharp Corporation PC910X Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
0
20
40
60
100
120
10
15
20
5
80
1k Ω
350 Ω
1k
Ω
4k
Ω
Forward Current
t PLH
t PLH
t PLH
R L =4
k Ω
RL= 350 Ω
t PHL
Fig. 9 Propagation Delay Time vs.
20
40
60
80
100
120
0
25
50
75
100
350 Ω
1k
Ω
4k
Ω
Ambient Temperature
Ambient temperature T a (˚C)
R L=4
k Ω
t PLH
t PHL
RL= 350 Ω
Fig.10 Propagation Delay Time vs.
0
40
50
100
75
25
80
120
160
200
240
280
320
1k
Ω
1k
Ω
4k
Ω
350
Ω
Ambient Temperature
RL=4k Ω
RL= 350 Ω
Ambient temperature T a (˚C)
Fig.11 Rise Time, Fall Time vs.
20
50
100
75
25
40
60
80
100
120
1k
Ω
4k
Ω
1k Ω
350
Ω
0
0
Ambient Temperature
RL= 350 Ω
Fig.12 Enable Propagation Time vs.
s Precautions for Use
Forward current I F ( mA )
VCC =5V
T a= 25˚C
IF = 7.5mA
VCC=5V
1k Ω
Ambient temperature T a (˚C)
IF = 7.5mA
VCC =5V
t r
tf
t r
( 1) Handle this product the same as with other integrated circuits against static electricity.
IF = 7.5mA
VCC =5V
t EHL
t EHL
R L
=4
k Ω
PC910X
( 2) As for other general cautions, refer to the chapter “ Precautions for Use ”



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com