Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MS6714SSGU Datasheet(PDF) 17 Page - MOSA ELECTRONICS

Part # MS6714SSGU
Description  4 Stereo Inputs and 1 Stereo Output Volume, Tone, Balance, Loudness and Selectable Input Gain
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6714SSGU Datasheet(HTML) 17 Page - MOSA ELECTRONICS

Back Button MS6714SSGU Datasheet HTML 10Page - MOSA ELECTRONICS MS6714SSGU Datasheet HTML 11Page - MOSA ELECTRONICS MS6714SSGU Datasheet HTML 12Page - MOSA ELECTRONICS MS6714SSGU Datasheet HTML 13Page - MOSA ELECTRONICS MS6714SSGU Datasheet HTML 14Page - MOSA ELECTRONICS MS6714SSGU Datasheet HTML 15Page - MOSA ELECTRONICS MS6714SSGU Datasheet HTML 16Page - MOSA ELECTRONICS MS6714SSGU Datasheet HTML 17Page - MOSA ELECTRONICS MS6714SSGU Datasheet HTML 18Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
MOSA
MS6714
4 Stereo Inputs / 1 Stereo Output Audio Processor
REV 3
17/18
www.mosanalog.com
IR Controller
IN1, IN2, IN3, IN4 : Select Stereo Input.
IN1, 2, 3, 4 represents Stereo Input 1, 2, 3, 4.
VOL+, VOL- : The volume control keys.
The volume control in 1.5dB/step as the switch is pressed once, the range is –79dB to 0dB.
Gain+, Gain- : The gain control keys for stereo input.
The gain control in 3.75dB/step as the switch is pressed once, the range is 0dB to 11.25dB.
ATTL+, ATTL- : The attenuation control keys for left speaker output.
The attenuation in 1.25dB/step as the switch is pressed once, the range is -37.5dB to 0dB.
ATTR+, ATTR- : The attenuation control keys for right speaker output.
The attenuation in 1.25dB/step as the switch is pressed once, the range is -37.5dB to 0dB.
TRE+, TRE- : The treble control keys.
The treble control in 2dB/step as the switch is pressed once, the range is –14dB to 14dB.
BAS+, BAS- : The bass control keys.
The bass control in 2dB/step as the switch is pressed once, the range is -14dB to 14dB.
Loud : The loudness key
Press the key once to set loudness on or loudness off.
Mute : The mute key controls all speaker outputs
Press the key once to set mute-on or mute-off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com