Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PQ30RV2 Datasheet(PDF) 3 Page - Sharp Corporation

Part # PQ30RV2
Description  Variable Output Low Power-Loss Voltage Regulators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ30RV2 Datasheet(HTML) 3 Page - Sharp Corporation

  PQ30RV2 Datasheet HTML 1Page - Sharp Corporation PQ30RV2 Datasheet HTML 2Page - Sharp Corporation PQ30RV2 Datasheet HTML 3Page - Sharp Corporation PQ30RV2 Datasheet HTML 4Page - Sharp Corporation PQ30RV2 Datasheet HTML 5Page - Sharp Corporation PQ30RV2 Datasheet HTML 6Page - Sharp Corporation PQ30RV2 Datasheet HTML 7Page - Sharp Corporation PQ30RV2 Datasheet HTML 8Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Low Power-Loss Voltage Regulators
PQ30RV1/PQ30RV11/PQ30RV2/PQ30RV21
Fig.3 Power Dissipation vs. Ambient
Temperature (PQ30RV1/PQ30RV11)
Fig.4 Power Dissipation vs. Ambient
Temperature (PQ30RV2/PQ30RV21)
Note) Oblique line portion:Overheat protection may operate
in this area.
0
5
10
15
20
0
-20
50
100
150
PD2
PD1
Ambient temperature Ta (˚C)
PD1 :No heat sink
PD2 :With infinite heat sink
0
5
10
15
20
0
-20
50
100
150
PD2
PD1
Ambient temperature Ta (˚C)
PD1 :No heat sink
PD2 :With infinite heat sink
Fig.5 Overcurrent Protection Characteristics
(PQ30RV1/PQ30RV11)
Fig.6 Overcurrent Protection Characteristics
(PQ30RV2/PQ30RV21)
0.5
1.0
1.5
2.0
0
0
20
40
60
80
100
Output current IO (A)
1.0
2.0
3.0
4.0
0
0
20
40
60
80
100
Output current IO (A)
Fig.7 Output Voltage Adjustment
Characteristics
Fig.8 Reference Voltage Deviation vs.
Junction Temperature
10
1
10
2
10
3
10
4
10
5
R2 (
Ω)
R1 390
Ω
0
5
10
15
20
25
30
-25
0
25
50
75
100
125
-10
0
10
R1=390
Ω,R2=2.7kΩ,VIN=15V
IO=0.5A(PQ30RV1/PQ30RV11)
IO= 1A(PQ30RV2/PQ30RV21)
Junction temperature Tj (˚C)
Note) Oblique line portion:Overheat protection may operate
in this area.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com