Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PQ3DF53 Datasheet(PDF) 4 Page - Sharp Corporation

Part # PQ3DF53
Description  3.3V Output, High Output Current (5A) Type Low Power-loss Voltage Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ3DF53 Datasheet(HTML) 4 Page - Sharp Corporation

  PQ3DF53 Datasheet HTML 1Page - Sharp Corporation PQ3DF53 Datasheet HTML 2Page - Sharp Corporation PQ3DF53 Datasheet HTML 3Page - Sharp Corporation PQ3DF53 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Low Power-Loss Voltage Regulators
PQ3DF53
s Typical Applications
Fig.10 Ripple Rejection vs. Junction
Temperature
Specific IC
q
2
q
3
q
5
q
1
q
4
VO
0.33
µF
CO
DC input
+
High or Open
:Output ON
Low
:Output OFF
ON/OFF signal
-25
0
50
25
100
75
125
100
80
40
60
20
0
Junction temperature Tj (˚C)
VIN=5V
IO =0.5A
ei=0.5Vrms
f=120Hz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com