Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX6602UE9A+ Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6602UE9A+
Description  Five-Channel Precision Temperature Monitor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6602UE9A+ Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6602UE9A+ Datasheet HTML 1Page - Maxim Integrated Products MAX6602UE9A+ Datasheet HTML 2Page - Maxim Integrated Products MAX6602UE9A+ Datasheet HTML 3Page - Maxim Integrated Products MAX6602UE9A+ Datasheet HTML 4Page - Maxim Integrated Products MAX6602UE9A+ Datasheet HTML 5Page - Maxim Integrated Products MAX6602UE9A+ Datasheet HTML 6Page - Maxim Integrated Products MAX6602UE9A+ Datasheet HTML 7Page - Maxim Integrated Products MAX6602UE9A+ Datasheet HTML 8Page - Maxim Integrated Products MAX6602UE9A+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Five-Channel Precision Temperature Monitor
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC, SMBCLK, SMBDATA, ALERT, OVERT,
STBY to GND .......................................................-0.3V to +6V
DXP_ to GND..............................................-0.3V to (VCC + 0.3V)
DXN_ to GND ........................................................-0.3V to +0.8V
SMBDATA, ALERT, OVERT Current....................-1mA to +50mA
DXN Current .......................................................................±1mA
Continuous Power Dissipation (TA = +70°C)
16-Pin TSSOP
(derate 11.1mW/°C above +70°C)..............................888.9mW
ESD Protection (all pins, Human Body Model) ................±2000V
Operating Temperature Range .........................-40°C to +125°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-60°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
ELECTRICAL CHARACTERISTICS
(VCC = +3.0V to +5.5V, VSTBY = VCC, TA = -40°C to +125°C, unless otherwise noted. Typical values are at VCC = +3.3V and TA =
+25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
3.0
5.5
V
Software Standby Supply Current
ISS
SMBus static
30
µA
Operating Current
ICC
During conversion
500
1000
µA
Channel 1 only
11
Temperature Resolution
Other diode channels
8
Bits
TA = TRJ = +60°C to +100°C
-1.0
+1.0
TA = TRJ = 0°C to +125°C
-3.0
+3.0
Remote Temperature Accuracy
VCC = 3.3V
DXN_ grounded,
TRJ = TA = 0°C to +85°C
±2.5
oC
TA = +60°C to +100°C
-3.3
+0.7
Local Temperature Accuracy
VCC = 3.3V
TA = 0°C to +125°C
-5.0
+1.0
oC
Supply Sensitivity of Temperature
Accuracy
±0.2
oC/V
Resistance cancellation off
95
125
156
Remote Channel 1 Conversion
Time
tCONV1
Resistance cancellation on
190
250
312
ms
Remote Channels 2 Through 4
Conversion Time
tCONV_
95
125
156
ms
High level
80
100
120
Remote-Diode Source Current
IRJ
Low level
8
10
12
µA
Undervoltage-Lockout Threshold
UVLO
Falling edge of VCC disables ADC
2.30
2.80
2.95
V
Undervoltage-Lockout Hysteresis
90
mV
Power-On Reset (POR) Threshold
VCC falling edge
1.2
2.0
2.5
V
POR Threshold Hysteresis
90
mV
ALERT, OVERT
ISINK = 1mA
0.3
Output Low Voltage
VOL
ISINK = 6mA
0.5
V
Output Leakage Current
1µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com