Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2SC4140 Datasheet(PDF) 1 Page - Sanken electric

Part # 2SC4140
Description  Silicon NPN Triple Diffused Planar Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

2SC4140 Datasheet(HTML) 1 Page - Sanken electric

  2SC4140_01 Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Silicon NPN Triple Diffused Planar Transistor (High Voltage and High Speed Switchihg Transistor)
Application : Switching Regulator and General Purpose
Symbol
VCBO
VCEO
VEBO
IC
IB
PC
Tj
Tstg
Ratings
500
400
10
18(Pulse36)
6
130(Tc=25°C)
150
–55 to +150
Unit
V
V
V
A
A
W
°C
°C
sAbsolute maximum ratings
sElectrical Characteristics
Symbol
ICBO
IEBO
V(BR)CEO
hFE
VCE(sat)
VBE(sat)
fT
COB
Ratings
100max
100max
400min
10 to 30
0.5max
1.3max
10typ
165typ
Unit
µA
µA
V
V
V
MHz
pF
Conditions
VCB=500V
VEB=10V
IC=25mA
VCE=4V, IC=10A
IC=10A, IB=2A
IC=10A, IB=2A
VCE=12V, IE=–2.0A
VCB=10V, f=1MHz
2SC4140
(Ta=25°C)
(Ta=25°C)
I C– V CE Characteristics (Typical)
h FE– I C Characteristics (Typical)
t on•t stg•t f– I C Characteristics (Typical)
θj-a–t Characteristics
I C– V BE Temperature Characteristics (Typical)
VCE(sat),VBE(sat)–IC Temperature Characteristics (Typical)
Pc – T a Derating
Reverse Bias Safe Operating Area
Safe Operating Area (Single Pulse)
0
0
8
4
12
16
18
2
13
4
Collector-Emitter Voltage V CE(V)
800mA
1.2A
600mA
400mA
200mA
1.6A
I B=100mA
0.02
0.1
0.05
1
5
10
18
0.5
0
1
1.4
(I C/I B=5)
Collector Current I C(A)
V BE(sat)
125˚C
(Case
Temp)
25˚C (Case
Temp)
–55˚C (Case
Temp)
–55˚C
V CE(sat)
12
5˚
C
1
0.2
0.5
10
18
5
0.1
0.5
5
10
1
Collector Current I C(A)
t stg
t on
t f
V CC
200V
I C:I B1:–I B2=10:1:2
0.1
1
2
0.5
1
1 0
100
1000
Time t(ms)
130
100
50
3.5
0
Ambient Temperature Ta(˚C)
Without Heatsink
0
2 5
5 0
7 5
100
125
150
10
50
5
500
100
1
0.5
0.03
0.1
0.05
10
50
5
Collector-Emitter Voltage V CE(V)
Without Heatsink
Natural Cooling
L=3mH
IB2=–0.5A
Duty:less than 1%
10
50
5
100
500
0.05
0.03
5
1
0.5
0.1
10
50
Collector-Emitter Voltage V CE(V)
Without Heatsink
Natural Cooling
100
µ
s
10ms
1ms
DC
0.02
0.1
0.05
1
1 8
10
5
0.5
5
10
50
Collector Current I C(A)
(V CE=4V)
125˚C
25˚C
–55˚C
0
18
8
4
16
12
0
1.2
0.4
0.6
0.8
1.0
0.2
Base-Emittor Voltage V BE(V)
(V CE=4V)
sTypical Switching Characteristics (Common Emitter)
VCC
(V)
200
RL
(
Ω)
20
IC
(A)
10
VBB2
(V)
–5
IB2
(A)
–2
ton
(
µs)
1max
tstg
(
µs)
3max
tf
(
µs)
0.5max
IB1
(A)
1
VBB1
(V)
10
External Dimensions MT-100(TO3P)
15.6±0.4
9.6
ø3.2±0.1
2
3
1.05
+0.2
-0.1
BE
5.45±0.1
5.45±0.1
C
4.8±0.2
0.65
+0.2
-0.1
1.4
2.0±0.1
a
b
Weight : Approx 6.0g
a. Part No.
b. Lot No.
93


Similar Part No. - 2SC4140_01

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
2SC4140 JMNIC-2SC4140_15 Datasheet
195Kb / 4P
Silicon NPN Power Transistors
2SC4140_2014 JMNIC-2SC4140_2014 Datasheet
195Kb / 4P
Silicon NPN Power Transistors
More results

Similar Description - 2SC4140_01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SC2621 ETC1-2SC2621 Datasheet
299Kb / 8P
NPN TRIPLE DIFFUSED PLANAR SILICON TRANSISTOR
logo
Sanken electric
2SC3856 SANKEN-2SC3856 Datasheet
34Kb / 1P
Silicon NPN Triple Diffused Planar Transistor
2SC3858 SANKEN-2SC3858 Datasheet
34Kb / 1P
Silicon NPN Triple Diffused Planar Transistor
2SC5100 SANKEN-2SC5100 Datasheet
33Kb / 1P
Silicon NPN Triple Diffused Planar Transistor
2SD2389 SANKEN-2SD2389 Datasheet
34Kb / 1P
Silicon NPN Triple Diffused Planar Transistor
2SD2401 SANKEN-2SD2401 Datasheet
33Kb / 1P
Silicon NPN Triple Diffused Planar Transistor
2SD2438 SANKEN-2SD2438 Datasheet
34Kb / 1P
Silicon NPN Triple Diffused Planar Transistor
2SD2561 SANKEN-2SD2561 Datasheet
34Kb / 1P
Silicon NPN Triple Diffused Planar Transistor
2SC4138 SANKEN-2SC4138 Datasheet
34Kb / 1P
Silicon NPN Triple Diffused Planar Transistor
2SC4546 SANKEN-2SC4546 Datasheet
33Kb / 1P
Silicon NPN Triple Diffused Planar Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com