Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S21ME Datasheet(PDF) 2 Page - Sharp Corporation

Part # S21ME
Description  European Safety Standard Approved, Long Creepage Distance Type Phototriac Couplers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

S21ME Datasheet(HTML) 2 Page - Sharp Corporation

  S21ME Datasheet HTML 1Page - Sharp Corporation S21ME Datasheet HTML 2Page - Sharp Corporation S21ME Datasheet HTML 3Page - Sharp Corporation S21ME Datasheet HTML 4Page - Sharp Corporation S21ME Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
S21ME Series
s Absolute Maximum Ratings
( Ta = 25˚C)
∗1 50Hz, sine wave
∗3 For 10 seconds
s Electro-optical Characteristics
( Ta = 25˚C)
Parameter
Symbol
Rating
Unit
Input
Forward current
IF
50
mA
Reverse voltage
VR
6V
Output
IT
100
∗1Peak one cycle surge current
I surge
1.2
A
VDRM
600
V
∗2Isolation voltage
Viso
Operating temperature
T opr
- 30 to + 100
˚C
Storage temperature
T stg
- 55 to + 125
˚C
∗3Soldering temperature
T sol
260
˚C
RMS ON-state current
Repetitive peak OFF-state voltage
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input
Forward voltage
VF
-
1.2
1.4
V
Reverse current
IR
--
10-5
A
Output
I DRM
--
10-6
A
ON-state voltage
V T
-
1.7
3.0
V
Holding current
IH
0.05
-
3.5
mA
Critical rate of rise
of OFF-state voltage
500
-
-
V/
µ s
100
-
-
Zero-cross voltage
VOX
-
-
35
V
Minimum trigger current
I FT
-
-
7.0
mA
Isolation resistance
R ISO
5x 1010
1011
-
Ω
t on
-
40
100
µs
-
-
1/2
cycle
t off
-
-
1/2
cycle
S21ME3
S21ME3F
S21ME4
S21ME4F
S21ME4
S21ME4F
S21ME3
S21ME3F
S21ME4
S21ME4F
S21ME4
S21ME4F
Turn-on time
Turn-off time
Repetitive peak OFF-state current
5 000
∗2 40 to 60% RH, AC for 1 minute f = 60Hz
Transfer
charac-
teristics
IF = 20mA
V R =3V
V DRM = Rated
IT = 100mA
V D =6V
V DRM
2
= 1/
• Rated
Resistance load, I F = 15mA
V D = 6V, R L = 100
Ω
DC500V, 40 to 60% RH
VD= 6V, R L = 100
Ω , I F = 20mA
f = 50Hz
f = 50Hz
mArms
Vrms
dV/dt



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com