Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MMSZ5250B Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # MMSZ5250B
Description  Surface mount Silicon Planar Zener Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

MMSZ5250B Datasheet(HTML) 2 Page - Diotec Semiconductor

  MMSZ5250B Datasheet HTML 1Page - Diotec Semiconductor MMSZ5250B Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MMSZ5230B ... MMSZ5262B (500 mW)
Maximum ratings
Grenzwerte
Type
Typ
Zener voltage 1)
Zener-Spannung 1)
at IZT
Vznom [V]
Vz [V]
IZT
[mA]
Dynamic resistance
Diff. Widerstand
ZZ
[Ω] (f = 1 kHz)
Temp. Coeffic.
of Z-voltage
…der Z-Spannung
Reverse volt.
Sperrspanng.
IR = 100 nA
Z-current 2)
Z-Strom 2)
TA = 25°C
at IZT
at IZT = 250 µA
αVZ [10-4 /°C]
VR [V]
IZmax [mA]
MMSZ5230B
4.7
4.4...5.0
20
< 19
< 1900
< -3
2 (< 5 µA)
100
MMSZ5231B
5.1
4.8...5.4
20
< 17
< 1600
< 0
2 (< 5 µA)
93
MMSZ5232B
5.6
5.2...6.0
20
< 11
< 1600
< +3.8
3 (< 5 µA)
83
MMSZ5234B
6.2
5.8...6.6
20
< 7
< 1000
< +4.5
4 (< 5 µA)
76
MMSZ5235B
6.8
6.4...7.2
20
< 5
< 750
< +5
5 (< 3 µA)
69
MMSZ5236B
7.5
7.0...7.9
20
< 6
< 500
< +5.8
6 (< 3 µA)
63
MMSZ5237B
8.2
7.7...8.7
20
< 8
< 500
< +6.2
6.5 (< 3 µA)
57
MMSZ5239B
9.1
8.5...9.6
20
< 10
< 600
< +6.8
7 (< 3 µA)
52
MMSZ5240B
10
9.4...10.6
20
< 17
< 600
< +7.5
8 (< 3 µA)
47
MMSZ5241B
11
10.4...11.6
20
< 22
< 600
< +7.6
8.4 (< 2 µA)
43
MMSZ5242B
12
11.4...12.7
20
< 30
< 600
< +7.7
9.1 (< 1 µA)
39
MMSZ5243B
13
12.4...14.1
9.5
< 13
< 600
< +7.9
9.9 (< 0.5 µA)
35
MMSZ5245B
15
13.8...15.6
8.5
< 16
< 600
< +8.2
11
32
MMSZ5246B
16
15.3...17.1
7.8
< 17
< 600
< +8.3
12
29
MMSZ5248B
18
16.8...19.1
7.0
< 21
< 600
< +8.5
14
26
MMSZ5250B
20
18.8...21.2
6.2
< 25
< 600
< +8.6
15
24
MMSZ5251B
22
20.8...23.3
5.6
< 29
< 600
< +8.7
17
21
MMSZ5252B
24
22.8...25.6
5.2
< 33
< 600
< +8.8
18
20
MMSZ5254B
27
25.1...28.9
4.6
< 41
< 600
< +9
21
17
MMSZ5256B
30
28...32
4.2
< 49
< 600
< +9.1
23
16
MMSZ5257B
33
31...35
3.8
< 58
< 700
< +9.2
25
14
MMSZ5258B
36
34...38
3.4
< 70
< 700
< +9.3
27
13
MMSZ5259B
39
37...41
3.2
< 80
< 800
< +9.4
30
12
MMSZ5260B
43
40...46
3.0
< 93
< 900
< +9.5
33
11
MMSZ5261B
47
44...50
2.7
< 105
< 1000
< +9.5
36
10
MMSZ5262B
51
48...54
2.5
< 125
< 1100
< +9.6
39
9
1
Measured under thermal equilibrium and DC test conditions
Gemessen im thermischen Gleichgewicht bei Belastung mit Gleichstrom
2
Mounted on P.C. board with 25 mm2 copper pads at each terminal
Montage auf Leiterplatte mit 25 mm2 Kupferbelag (Lötpad an jedem Anschluss
2
http://www.diotec.com/
© Diotec Semiconductor AG



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com