Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

241LP3E Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # 241LP3E
Description  GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 4 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

241LP3E Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  241LP3E Datasheet HTML 1Page - Hittite Microwave Corporation 241LP3E Datasheet HTML 2Page - Hittite Microwave Corporation 241LP3E Datasheet HTML 3Page - Hittite Microwave Corporation 241LP3E Datasheet HTML 4Page - Hittite Microwave Corporation 241LP3E Datasheet HTML 5Page - Hittite Microwave Corporation 241LP3E Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
10
10 - 110
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
GaAs MMIC SP4T NON-REFLECTIVE
SWITCH, DC - 4 GHz
v01.0905
HMC241LP3 / 241LP3E
Absolute Maximum Ratings
Bias Voltage Range (Vdd)
+7.0 Vdc
Control Voltage Range (A & B)
-0.5V to Vdd +1 Vdc
Channel Temperature
150 °C
Thermal Resistance
(Insertion Loss Path)
200 °C/W
Thermal Resistance
(Terminated Path)
240 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
Maximum Input Power
Vdd = +5 Vdc
+20 dBm (0.05 - 0.5 GHz)
+27 dBm (0.5 - 4.0 GHz)
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
Part Number
Package Body Material
Leadframe Plating
MSL Rating
Package Marking
[3]
HMC241LP3
Low Stress Injection Molded Plastic
Sn/Pb Solder
MSL1
[1]
241
XXXX
HMC241LP3E
RoHS-compliant Low Stress
Injection Molded Plastic
100% Matte Tin
MSL1
[2]
241
XXXX
[1] Max peak reflow temperature of 235 °C
[2] Max peak reflow temperature of 260 °C
[3] 4-Digit lot number XXXX
Package Information
1. LEADFRAME MATERIAL: COPPER ALLOY
2. DIMENSIONS ARE IN INCHES [MILLIMETERS]
3. LEAD SPACING TOLERANCE IS NON-CUMULATIVE
4. PAD BURR LENGTH SHALL BE 0.15mm MAXIMUM.
PAD BURR HEIGHT SHALL BE 0.05mm MAXIMUM.
5. PACKAGE WARP SHALL NOT EXCEED 0.05mm.
6. ALL N/C LEADS, GROUND LEADS AND GROUND PADDLE MUST
BE SOLDERED TO PCB RF GROUND.
7. REFER TO HITTITE APPLICATION NOTE FOR SUGGESTED
LAND PATTERN.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com